Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM8630 Datasheet(PDF) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM8630
Description  Bluetooth Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM8630 Datasheet(HTML) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM8630 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM8630 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM8630 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM8630 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM8630 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM8630 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM8630 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM8630 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM8630 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
http://www.buddies-tech.com
BTM8630 DATASHEET
13
When the module is connected to another digital device, UART_RX and UART_TX
transfer data between the two devices. The remaining two signals, UART_CTS and
UART_RTS, can be used to implement RS232 hardware flow control where both are
active low indicators.
Note: The serial port interface(UART)can be used for system debugging. Don’t
support to use command set for profile function application by UART, such as
HFP/A2DP/AVRCP and so on. These profiles function application can be controlled
only by PIO, such as pairing/connect/answer/play/pause/next/previous function
application and so on.
5.8.2
SPI
The synchronous serial port interface (SPI) can be used for system debugging. It can also be
used for in-system programming for the flash memory within the module. SPI interface
uses the SPI_MOSI, SPI_MISO, SPI_CSB and SPI_CLK pins. Testing points for the SPI
interface are reserved on board in case that the firmware shall be updated during
manufacture.
The module operates as a slave and thus SPI_MISO is an output of the module.
SPI_MISO is not in high-impedance state when SPI_CSB is pulled high. Instead, the
module outputs 0 if the processor is running and 1 if it is stopped. Thus the module
should NOT be connected in
a multi-slave arrangement by simple parallel connection
of slave SPI_MISO lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com