Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM8645 Datasheet(PDF) 9 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM8645
Description  Bluetooth Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM8645 Datasheet(HTML) 9 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM8645 Datasheet HTML 5Page - BUDDIES TECHNOLOGY LIMITED. BTM8645 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM8645 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM8645 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM8645 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM8645 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM8645 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM8645 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM8645 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
http://www.buddies-tech.com
BTM8645 DATASHEET
9
3.1 Pin Description
Pin#
Pin Name
Pad Type
Description
1
MIC_AN
Analogue
Microphone input negative, left
2
MIC_AP
Analogue
Microphone input positive, left
3
MIC_BN
Analogue
Microphone input negative, right
4
MIC_BP
Analogue
Microphone input positive, right
5
MIC_BIAS
Analogue
Microphone bias
6
AIO[0]
Bi-directional
VDD/Low-voltage regulator output
Analogue programmable input/ output line
circuitry and 1.5V regulated output (from
internal low-voltage regulator)
7
Reset
CMOS input with weak internal
pull-up
Active LOW reset
8
+1V8
Power
High-voltage linear regulator output (1.8V
out)
9
+3V3-USB
Power Supply
Positive supply for BT Module(3.0V~3.6V)
10
UART_RX
CMOS input with weak internal
pull-down
UART data input
11
UART_RTS
Bi-directional CMOS output,
tri-state, with weak internal
pull-up
UART request to send active low
12
UART_TX
Bi-directional CMOS output,
tri-state, with weak internal
pull-up
UART data output
13
UART_CTS
CMOS input with weak internal
pull-down
UART clear to send active low
14
GND
Ground
Digital Ground
15
USB_DP
Bi-directional
USB data plus with selectable internal
1.5k
pull-up resistor
16
USB_DN
Bi-directional
USB data minus
17
LED_0
Open drain output
LED driver
18
LED_1
Open drain output
LED driver
19
LED_2
Open drain output
LED driver
20
SPI_EN
Input with weak internal pull-up
Chip select for Serial Peripheral Interface
(SPI),active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com