Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP300DF24S24 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP300DF24S24
Description  300W~400W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP300DF24S24 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP300DF24S24 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP300DF24S24 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP300DF24S24 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP300~400DH Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 2 of 3
Units: mm
Tolerance:
± 0.2mm
STEMPERATURE DERATING GR
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Storage Humidity
Non condensing
5
+95
%
Operating Temperature
Power derating (above 71℃
-40
+85
℃
Storage Temperature
-55
+125
℃
Max. Case Temperature
Operating Temperature curve range
-40
100
℃
Lead Temperature
1.5mm from case for 10 seconds
300
℃
Cooling
Free air convection
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Single output
1
-Vin
2
CASE
3
CNT
4
+Vin
5
+Vo
6
+S
7
TRIM
8
-S
9
-Vo
MODEL SELECTION
USING ATTENTIONS
l
Module will cause irreversible damage when in the state of the input reverse polarity.
l
Module will cause irreversible damage when in the long-term overload conditions.
l
Module will cause irreversible damage when out of the maximum input voltage range.
l
To meet the strict safety requirement ,please add the external recommended circuit.
l
Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level.
TP
300 D
F
24 S 05
Output voltage
S: Single output
D: Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com