Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-01PR Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

Part # FM-01PR
Description  MARK SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

FM-01PR Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  FM-01PR Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. FM-01PR Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25
26
FM
Specificution
MARK SENSOR
Type
Setting Distance
Light Spot
Response Time
Sensitivity Adjuster
Operating Voltage
Current Consumption
Light Source
Hysteresis
Illumination
Output Method
Output Status
Output Current
Leakage Current
Residual Voltage
Protection Circuit
Connection Method
Housing Material
Operating Temp./Hum.
Protection Class
Weight
Model
High Speed Type
Standard Type
15.0mm
12.0mm
32.0mm
100.0mm
1.0
0.25ms
45mA max.
IP-65
Appr. 105g
0.8V max.
Short Circuit & Polarity Reversed Protection
4 Cores / 5.0
X 2m
PBT
FM-10R
2.0
FM-01R
FM-01G
FM-01PR
FM-01PG
FM-03R
FM-03G
2ms
11~30 VDC ; Ripple < 20% of Peak to Peak
30mA max.
NO / NC Changeable
150mA max.
0.8mA max.
G : Green Led ; R : Red Led
5% of Sensing Distance
Lamplight < 5,000 Lux ; Sunlight < 10,000 Lux.
NPN & PNP Two Way Output
270
Trimmer
-20 C~+60 C ; 35%~85%RH
FM
Output Circuit & Connection Diagram
Dimension
Red
=+V
Red
=+V
Red
=0V
Red
=0V
Black =0V
Black =0V
Black =+V
Black =+V
Yellow=PNP/NO
Yellow=PNP/NO
Yellow=PNP/NC
Yellow=PNP/NC
White =NPN/NO
White =NPN/NO
White =NPN/NC
White =NPN/NC
ie , Power polarity reversed
ie , Power polarity reversed
output state reversed
output state reversed
series
series


Similar Part No. - FM-01PR

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-0011-433 RFSOLUTIONS-FM-0011-433 Datasheet
341Kb / 3P
??02 SERIES RADIO / IR ENCODER TRANSMITTERS
FM-001B-433 RFSOLUTIONS-FM-001B-433 Datasheet
341Kb / 3P
??02 SERIES RADIO / IR ENCODER TRANSMITTERS
FM-008C4B-433 RFSOLUTIONS-FM-008C4B-433 Datasheet
341Kb / 3P
??02 SERIES RADIO / IR ENCODER TRANSMITTERS
logo
FutureWafer Tech Co.,Lt...
FM-05VC1 FUTUREWAFER-FM-05VC1 Datasheet
477Kb / 1P
Bi-directional ESD diode
FM-05VR6T10 FUTUREWAFER-FM-05VR6T10 Datasheet
525Kb / 1P
Chip TVS diode
More results

Similar Description - FM-01PR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103K RICOH-RP103K Datasheet
26Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103N RICOH-RP103N Datasheet
24Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
R5511H RICOH-R5511H Datasheet
24Kb / 1P
MARK INFORMATION ME-R5511H-0510 R5511H SERIES MARK SPECIFICATION
RP102N121B RICOH-RP102N121B Datasheet
25Kb / 1P
MARK SPECIFICATION
logo
List of Unclassifed Man...
627 ETC2-627 Datasheet
61Kb / 1P
CE-Mark Approval
logo
FOTEK CONTROLS CO., LTD...
MS-02W FOTEK-MS-02W Datasheet
2Mb / 3P
AT MARK SENSOR
SU-07 FOTEK-SU-07 Datasheet
750Kb / 1P
U TYPE MARK & LABEL SENSOR
logo
Banner Engineering Corp...
R58B BANNER-R58B Datasheet
1Mb / 8P
R58B Registration Mark Sensor
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
Print mark contrast sensor
logo
Omron Electronics LLC
E3M-V OMRON-E3M-V Datasheet
1Mb / 12P
Mark Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com