Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC00PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC00PW
Description  Quad 2-input NAND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC00PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC00PW Datasheet HTML 1Page - NXP Semiconductors 74ALVC00PW Datasheet HTML 2Page - NXP Semiconductors 74ALVC00PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC00PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC00PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC00PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC00PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC00PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC00PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2003 May 14
3
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74ALVC00
ORDERING INFORMATION
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74ALVC00D
−40 to +85 °C
14
SO14
plastic
SOT108-1
74ALVC00PW
−40 to +85 °C
14
TSSOP14
plastic
SOT402-1
74ALVC00BQ
−40 to +85 °C
14
DHVQFN14
plastic
SOT762-1
INPUT
OUTPUT
nA
nB
nY
LL
H
LH
H
HLH
HH
L
PINNING
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
1B
data input
3
1Y
data output
4
2A
data input
5
2B
data input
6
2Y
data output
7
GND
ground (0 V)
8
3Y
data output
9
3A
data input
10
3B
data input
11
4Y
data output
12
4A
data input
13
4B
data input
14
VCC
supply voltage
Fig.1 Pin configuration SO14 and TSSOP14.
handbook, halfpage
00
MNA210
1
2
3
4
5
6
7
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
14
13
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com