Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M670GS Datasheet(PDF) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # M670GS
Description  Package in 8mm tape on 7" diameter reels.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

M670GS Datasheet(HTML) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button M670GS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTW-M670GS
Page :
10
of
11
BNS-OD-C131/A4
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward
voltage, or “no lightup” at low currents.
To verify for ESD damage, check for “light up” and Vf of the suspect LEDs at low currents.
The Vf of “good” LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP
product.
7. Reliability Test
Test Item
Test Condition
Reference Standard
Note
Number of
Damaged
Resistance to Soldering
Heat (Reflow Soldering)
Tsld=260℃, 10sec.
(Pre treatment 30℃,70%,168hrs.)
JEITA ED-4701
300 301
2 times
0/50
Solderability
(Reflow Soldering)
Tsld=245±5℃, 3sec.
(Lead Free Solder)
JEITA ED-4701
300 303
1 time
Over 95%
0/50
Thermal Shock
0℃ ~ 100℃
15sec.
15sec. .
JEITA ED-4701
300 307
20 cycles
0/50
Temperature Cycle
-40℃ ~ 25℃ ~ 100℃ ~ 25℃
30min.
5min.
30min.
5min.
JEITA ED-4701
100 105
100 cycles
0/50
Moisture Resistance Cyclic
25℃ ~ 65℃ ~ -10℃
90%RH
24HRS./1cycle
JEITA ED-4701
200 203
10 cycles
0/50
High Temperature Storage
Ta=100℃
JEITA ED-4701
200 201
1000 hrs.
0/50
Temperature Humidity
Storage
Ta=60℃, RH=90%
JEITA ED-4701
100 103
1000 hrs.
0/50
Low Temperature Storage
Ta=-40℃
JEITA ED-4701
200 202
1000 hrs.
0/50
Steady State
Operating Life Condition 1
Ta=25℃, IF=20mA
1000 hrs.
0/50
Steady State
Operating Life Condition 2
Ta=25℃, IF=30mA
500 hrs.
0/50
Steady State
Operating Life of High
Temperature
Ta=85℃, IF=5mA
1000 hrs.
0/50
Steady State
Operating Life of High
Humidity Heat
60℃, RH=90% , IF=15mA
500 hrs.
0/50
Steady State
Operating Life of low
Temperature
Ta=-30℃, IF=20mA
1000 hrs.
0/50
Vibration
100~2000~100Hz Sweep 4 min.
200m/s
2
3 direction , 4 cycles
JEITA ED-4701
400 403
48 min.
0/50
Substrate Bending
3 mm , 5±1 sec.
JEITA ED-4702
1 time
0/50
Stick
5N ,
10±1 sec.
JEITA ED-4702
1 time
0/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com