Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL02RN1 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # BL02RN1
Description  On-Board Type (DC) EMI Suppression Filters
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BL02RN1 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button BL02RN1 Datasheet HTML 17Page - List of Unclassifed Manufacturers BL02RN1 Datasheet HTML 18Page - List of Unclassifed Manufacturers BL02RN1 Datasheet HTML 19Page - List of Unclassifed Manufacturers BL02RN1 Datasheet HTML 20Page - List of Unclassifed Manufacturers BL02RN1 Datasheet HTML 21Page - List of Unclassifed Manufacturers BL02RN1 Datasheet HTML 22Page - List of Unclassifed Manufacturers BL02RN1 Datasheet HTML 23Page - List of Unclassifed Manufacturers BL02RN1 Datasheet HTML 24Page - List of Unclassifed Manufacturers BL02RN1 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 163 page
background image
20
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Part Number
Impedance
(at 100MHz, 20 degree C)
(ohm)
Rated Current
(mA)
DC Resistance (max.)
(ohm)
Operating
Temperature Range
(
°C)
BLM15AG100SN1
10 (Typ.)
1000
0.05
-55 to 125
BLM15AG700SN1
70 (Typ.)
500
0.15
-55 to 125
BLM15AG121SN1
120
±25%
500
0.25
-55 to 125
BLM15AG221SN1
220
±25%
300
0.35
-55 to 125
BLM15AG601SN1
600
±25%
300
0.6
-55 to 125
BLM15AG102SN1
1000
±25%
200
1.0
-55 to 125
s Impedance-Frequency (Typical)
BLM15A Series
BLM15AG100SN1
BLM15AG121SN1
BLM15AG221SN1
BLM15AG601SN1
BLM15AG102SN1
BLM15AG700SN1
0
1200
1000
800
600
400
200
1
10
100
1000
Frequency (MHz)
s Impedance-Frequency Characteristics
BLM15AG100SN1
0
5
10
15
20
1
10
100
1000
Frequency (MHz)
Z
R
X
BLM15AG700SN1
0
20
40
60
80
100
120
1
10
100
1000
Frequency (MHz)
Z
R
X
BLM15AG121SN1
0
50
100
150
200
1
10
100
1000
Frequency (MHz)
Z
R
X
BLM15AG221SN1
0
100
200
300
400
1
10
100
1000
Frequency (MHz)
Z
R
X
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C31E9.pdf 03.3.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com