Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2500 Datasheet(PDF) 1 Page - MKS Instruments.

Part # AX2500
Description  mODEL ax2500 sERIES iNTELLIGENT mICROWAVE pOWER GENERATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AX2500 Datasheet(HTML) 1 Page - MKS Instruments.

  AX2500 Datasheet HTML 1Page - MKS Instruments. AX2500 Datasheet HTML 2Page - MKS Instruments. AX2500 Datasheet HTML 3Page - MKS Instruments. AX2500 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SmartPower ® Intelligent
Microwave Power
Generator available
in power levels of 1.8 and
3 kW
SmartPower®
mODEL ax2500 sERIEs
INTELLIGENT mICROWaVE pOWER GENERaTORs
SmartPower® AX2500 Series intelligent microwave power generators are built on proven
experience in designing rugged, reliable microwave power generators for demanding
semiconductor fabrication and industrial applications. The compact AX2500 design
architecture incorporates field-proven technology, and combines new design features aimed
at improved performance and lower cost of ownership.
The SmartPower AX2500 Series consists of two models that cover a spectrum of
continuous microwave power from 180 W to 3 kW. Model AX2518 has maximum
performance of 1.8 kW and 3 kW for the AX2530. Frequency output is 2.455 GHz ±15 MHz.
Features & Benefits
• Availablein1.8and3kWpowerlevels
for 200 and 300mm applications
• Microprocessor-controlledfilament
cutback extends magnetron tube
lifetime. Field-replaceable magnetron
tubes lower overall CoO
• Accuratepowermeasurementand
feedback ensures high repeatability
• Compact,modulardesignenhances
cross-platform compatibility


Similar Part No. - AX2500

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX250 MICROSEMI-AX250 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX250 MICROSEMI-AX250 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX250-1BG896 ACTEL-AX250-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX250-1BG896B ACTEL-AX250-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX250-1BG896I ACTEL-AX250-1BG896I Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results

Similar Description - AX2500

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP75RA-120 FUJI-6MBP75RA-120 Datasheet
283Kb / 6P
Intelligent Power Module ( R-Series )
7MBP50RA-120 FUJI-7MBP50RA-120 Datasheet
332Kb / 7P
Intelligent Power Module ( R-Series )
6MBP15RH-060 FUJI-6MBP15RH-060 Datasheet
169Kb / 4P
Intelligent Power Module ( RH-Series )
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
logo
Systemsensor advanced i...
5251P SYSTEMSENSOR-5251P Datasheet
41Kb / 4P
Intelligent Plug-In Model Fixed Temperature Sensor
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
Red Lion Controls. Inc
ITMS4037 REDLION-ITMS4037 Datasheet
740Kb / 16P
MODEL ITMS - INTELLIGENT TEMPERATURE TO MODBUS CONDITIONER W/ ALARMS
ZUK0060H REDLION-ZUK0060H Datasheet
468Kb / 2P
MODEL ZUK - LARGE THRU-BORE ROTARY PULSE GENERATORS
logo
MKS Instruments.
AL20000 MKS-AL20000 Datasheet
240Kb / 4P
INDUSTRIAL MICROWAVE GENERATORS 2450 MHZ
logo
Keysight Technologies
33500B KEYSIGHT-33500B Datasheet
5Mb / 23P
33500B Series Waveform Generators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com