Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR2N-3LXE-SD Datasheet(PDF) 4 Page - Elite Enterprises (H.K.) Co., Ltd.

Part # PR2N-3LXE-SD
Description  3W Power LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Direct Link  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

PR2N-3LXE-SD Datasheet(HTML) 4 Page - Elite Enterprises (H.K.) Co., Ltd.

  PR2N-3LXE-SD Datasheet HTML 1Page - Elite Enterprises (H.K.) Co., Ltd. PR2N-3LXE-SD Datasheet HTML 2Page - Elite Enterprises (H.K.) Co., Ltd. PR2N-3LXE-SD Datasheet HTML 3Page - Elite Enterprises (H.K.) Co., Ltd. PR2N-3LXE-SD Datasheet HTML 4Page - Elite Enterprises (H.K.) Co., Ltd. PR2N-3LXE-SD Datasheet HTML 5Page - Elite Enterprises (H.K.) Co., Ltd. PR2N-3LXE-SD Datasheet HTML 6Page - Elite Enterprises (H.K.) Co., Ltd. PR2N-3LXE-SD Datasheet HTML 7Page - Elite Enterprises (H.K.) Co., Ltd. PR2N-3LXE-SD Datasheet HTML 8Page - Elite Enterprises (H.K.) Co., Ltd. PR2N-3LXE-SD Datasheet HTML 9Page - Elite Enterprises (H.K.) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
We Provide the Light to the world
3F No.12, Kung-Yeh 10th Rd., Ping Chen Industrial
Zone, Ping Chen, 324, Taoyuan Hsien, Taiwan,
R.O.C.
Tel :886-3-419-2099
Fax :886-3-419-2377
www.prolightopto.com
4
Optical Characteristics at 350mA, TJ = 25°C
Total
Dominant Wavelength
λD,
included
Viewing
Peak Wavelength
[1] λP,
Angle
Angle
Radiation
Color
or Color Temperature CCT
(degrees)
(degrees)
Pattern
Min.
Typ.
Max.
θ
0.90V
2 θ
1/2
Lambertian
White
4100 K
5500 K
10000 K
160
140
Warm White
2700 K
3300 K
4100 K
160
140
Red
613.5 nm
623 nm
631 nm
160
140
Amber
587 nm
592 nm
597 nm
160
140
Green
515 nm
525 nm
535 nm
160
140
Cyan
495 nm
505 nm
515 nm
160
140
Blue
455 nm
465 nm
475 nm
160
140
Cherry Red [1]
720 nm
730 nm
740 nm
160
140
Notes:
ProLight maintains a tolerance of ± 1nm for dominant wavelength measurements.
ProLight maintains a tolerance of ± 5% for CCT measurements.
[1]
Cherry Red product is binned by radiometric power and peak wavelength rather than
photometric lumens and dominant wavelength. ProLight Lumileds maintains a tolerance
of ±2nm for peak wavelength measurements.
Absolute Maximum Ratings
Parameter
White/Warm White/Red/
Amber/Green/Cyan/Blue/Cherry Red
DC Forward Current (mA)
700
Peak Pulsed Forward Current (mA)
1000
Average Forward Current (mA)
700
ESD Sensitivity
±4000V (Class III)
(HBM per MIL-STD-883E Method 3015.7)
LED Junction Temperature (
°C)
120
Aluminum-core PCB Temperature (
°C)
90
Storage & Operating Temperature (
°C)
-40 to +90
Soldering Temperature(
°C)
235
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com