Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APB3227SYKCGKC Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APB3227SYKCGKC
Description  3.2 x 2.7 mm Surface Mount LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APB3227SYKCGKC Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APB3227SYKCGKC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APB3227SYKCGKC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APB3227SYKCGKC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APB3227SYKCGKC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAJ1721 / 1203000784 Rev No: V.5B Date: 06/30/2017
Page 1 / 4
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APB3227SYKCGKC
■ Super Bright Yellow
(AlGaInP)
Water Clear
80
150
140
°
■ Green (AlGaInP)
20
55
DESCRIPTIONS
The Super Bright Yellow device is made with
AlGaInP (on GaAs substrate) light emitting diode chip
The Green source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
3.2 mm x 2.7 mm SMD LED, 1.1 mm thickness
Bi -color, low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
APB3227SYKCGKC
3.2 x 2.7 mm Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Yellow
Yellow
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - APB3227SYKCGKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APB3227SYKCGKC KINGBRIGHT-APB3227SYKCGKC Datasheet
257Kb / 6P
Wide viewing angle
More results

Similar Description - APB3227SYKCGKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APB3227SURKZGKC KINGBRIGHT-APB3227SURKZGKC Datasheet
296Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
AA3527ASYSK-J3-50MAV KINGBRIGHT-AA3527ASYSK-J3-50MAV Datasheet
319Kb / 4P
3.5 x 2.7 mm Surface Mount LED Lamp
AA3527AZGSK-30MAV KINGBRIGHT-AA3527AZGSK-30MAV Datasheet
318Kb / 4P
3.5 x 2.7 mm Surface Mount LED Lamp
APB3227SURKCGKC KINGBRIGHT-APB3227SURKCGKC Datasheet
303Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APB3227ZGKQBDC TO-GRACE-APB3227ZGKQBDC Datasheet
910Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SURKZGKC TO-GRACE-APB3227SURKZGKC Datasheet
900Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SURKCGKC TO-GRACE-APB3227SURKCGKC Datasheet
914Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SEKCGKC TO-GRACE-APB3227SEKCGKC Datasheet
907Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
AA3527ASESK-50MAV TO-GRACE-AA3527ASESK-50MAV Datasheet
927Kb / 4P
3.5 x 2.7 mm Surface Mount LED Lamp
AA3527AZGSK-30MAV TO-GRACE-AA3527AZGSK-30MAV Datasheet
927Kb / 4P
3.5 x 2.7 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com