Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL255 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL255
Description  Optocoupler, Phototransistor Output, AC Inout, With Base Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL255 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL255 Datasheet HTML 1Page - Vishay Siliconix IL255 Datasheet HTML 2Page - Vishay Siliconix IL255 Datasheet HTML 3Page - Vishay Siliconix IL255 Datasheet HTML 4Page - Vishay Siliconix IL255 Datasheet HTML 5Page - Vishay Siliconix IL255 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IL255
Document Number 83619
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Coupler
Current Transfer Ratio
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Collector-emitter saturation
voltage
IF = ± 10 mA, IC = 0.5 mA
IL255
VCE(sat)
0.4
V
IF = ± 100 mA, IC = 1.0 mA
IL255-1
VCE(sat)
0.1
0.2
V
IF = ± 16 mA, IC = 2.0 mA
IL255-2
VCE(sat)
0.4
V
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
IF = ± 10 mA, VCE = 10 V
IL255
CTR
20
%
IF = ± 100 mA, VCE = 2.0 V
IL255-1
CTR
20
80
%
IF = ± 10 mA, VCE = 10 V
IL255-2
CTR
50
%
Current Transfer Ratio
symmetry
IF = ± 10 mA, VCE = 10 V
IL255
0.33
3.0
IL255-1
IF = ± 10 mA, VCE = 10 V
IL255-2
0.5
1.0
2.0
Figure 1. LED Forward Current vs.Forward Voltage
Figure 2. Maximum LED Current vs. Ambient Temperature
iil255_01
VF -LED Forward Voltage -V
iil255_02
Ta - Ambient Temperature - °C
Figure 3. Maximum LED Power Dissipation
Figure 4. Current Transfer Ratio vs. LED Current and Collector-
Emitter Voltage
iil255_03
Ta - Ambient Temperature - °C
iil255_04
IF -LED Current -mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com