Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52055FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M52055FP
Description  3-Channel Analog Swi
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52055FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M52055FP Datasheet HTML 1Page - Renesas Technology Corp M52055FP Datasheet HTML 2Page - Renesas Technology Corp M52055FP Datasheet HTML 3Page - Renesas Technology Corp M52055FP Datasheet HTML 4Page - Renesas Technology Corp M52055FP Datasheet HTML 5Page - Renesas Technology Corp M52055FP Datasheet HTML 6Page - Renesas Technology Corp M52055FP Datasheet HTML 7Page - Renesas Technology Corp M52055FP Datasheet HTML 8Page - Renesas Technology Corp M52055FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
M52055P
Rev.1.0, Sep.22.2003, page 3 of 13
Electrical Characteristics
(unless otherwise noted, the ambient temperature (Ta) = 25°C, power supply voltage (Vcc) = 9 V,
and current direction = current flowing into the IC is “+”)
Limits
No.
Measurement item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
1
Circuit current 1
ICC1
No signal input.
Measure the current flowing into
pin 13 .
5.2
7.1
9.0
mA
2
Circuit current 2
ICC2
No signal input.
Measure the current flowing into
pin 13 with Vcc = 5 V.
2.4
3.4
4.4
mA
3F1A
–0.6
–0.1
0.4
dB
4
S1 frequency characteristics
1A, 1B
F1B
–0.6
–0.1
0.4
dB
5F2A
–0.6
–0.1
0.4
dB
6
S2 frequency characteristics
2A, 2B
F2B
–0.6
–0.1
0.4
dB
7F3A
–0.6
–0.1
0.4
dB
8
S3 frequency characteristics
3A, 3B
F3B
Input: 0.5-Vpp sine wave (SG1).
Voltage gain at 10-MHz
frequency.
E1, E2 and E3: 5 V.
2-k
Ω load connected to output
pin.
–0.6
–0.1
0.4
dB
9G1A
–0.6
–0.1
0.4
dB
10
S1 voltage gain
1A, 1B
G1B
–0.6
–0.1
0.4
dB
11
G2A
–0.6
–0.1
0.4
dB
12
S2 voltage gain 2A,
2B
G2B
–0.6
–0.1
0.4
dB
13
G3A
–0.6
–0.1
0.4
dB
14
S3 voltage gain
3A, 3B
G3B
Input: 0.5-Vpp sine wave (SG1)
Voltage gain at 1-MHz frequency
E1, E2 and E3: 5 V
–0.6
–0.1
0.4
dB
15
VIDC 1A
4.1
4.6
5.1
V
16
S1 input bias voltage
1A, 1B
VIDC 1B
4.1
4.6
5.1
V
17
VIDC 2A
4.1
4.6
5.1
V
18
S2 input bias voltage
2A, 2B
VIDC 2B
4.1
4.6
5.1
V
19
VIDC 3A
4.1
4.6
5.1
V
20
S3 input bias voltage
3A, 3B
VIDC 3B
No signal input.
DC voltage at input pin.
4.1
4.6
5.1
V
21
S1 output bias voltage
VODC 1
3.05
3.2
3.35
V
22
S2 output bias voltage
VODC 2
3.05
3.2
3.35
V
23
S3 output bias voltage
VODC 3
No signal input.
DC voltage at output pin.
Pins 2, 7 and 12 connected to
GND.
3.05
3.2
3.35
V
24
IIN 11
0.35
0.6
1
mA
25
IIN 12
0.35
0.6
1
mA
26
Current flow into control pins
1: S1, S2, S3
IIN 13
Current flow into each of pins 2,
7 and 12 when these pin voltage
is 9 V.
0.35
0.6
1
mA
27
IIN 21
0
1.5
10
µA
28
IIN 22
0
1.5
10
µA
29
Current flow into control pins
2: S1, S2, S3
IIN 23
Current flow into each of pins 2,
7 and 12 when these pin voltage
is 5 V.
01.5
10
µA
30
IIN 31
–5
0
2
µA
31
IIN 32
–5
0
2
µA
32
Current flow into control pins
3: S1, S2, S3
IIN 33
Current flow into each of pins 2,
7 and 12 when these pin voltage
is 0 V.
–5
0
2
µA
33a
VIC1L
1.7
—
2.7
V
33b
VIC1H
1.7
—
2.7
V
34a
VIC2L
1.7
—
2.7
V
34b
VIC2H
1.7
—
2.7
V
35a
VIC3L
1.7
—
2.7
V
35b
Threshold voltage S1,
S2,
S3
VIC3H
Input: 0.5-Vpp sine wave, f = 1
MHz (SG1).*
1 *2
1.7
—
2.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com