Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSU8RF3421 Datasheet(PDF) 9 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CSU8RF3421
Description  12-bit ADC 8 - bit RISC FLASH FLASH MCU
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CSU8RF3421 Datasheet(HTML) 9 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CSU8RF3421 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 13Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
CSU8RF3421/CSU8RF3422/CSU8RF3423
R
Re
ev
v..1
1..2
2
第
第 99 页
页,
,共
共 113311 页
页
2
标准功能
2.1
CPU 核
Program
Counter
FLASH
Program Memory
4K*16bits
Stack Register
8 Level
Adderss
Mux
Instruction
Register
SRAM
Data memory
232 bytes
Data
Mux
FSR
ALU
Instruction
Decoder
Contorl information
Work
Register
Status
Register
Program Bus
(12 bits)
Program Data
(16 bits)
图3
CSU8RF3421/CSU8RF3422/CSU8RF3423 CPU 核的功能模块图
椐 CPU 核的功能模块图,它主要包含 7 个主要寄存器及 2 个存储器单元。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com