Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1905 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products SC1905 Datasheet HTML 10Page - Maxim Integrated Products SC1905 Datasheet HTML 11Page - Maxim Integrated Products SC1905 Datasheet HTML 12Page - Maxim Integrated Products SC1905 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Serial Peripheral Interface (SPI)
The SC1905 contains a microprocessor that is executing firmware. The system software referred to henceforth as
the "host", communicates with the firmware through a handshaking protocol called the message protocol. The host
configures the SC1905 by writing to various parameters stored in an EEPROM contained within the SC1905, or by
issuing commands to the firmware through the message protocol. All this communication is done through a 4-wire Serial
Peripheral Interface (SPI).
Detailed information on the message protocol, accessing EEPROM, etc. is contained in the SC1905 SPI Programming
Guide. Figure 1 shows the timing relationships between the SPI signals. Refer to Table 1.
SSN
SCLK
SDI
SDO
tF
t R
t SS
t CH
t CP
t DH
t DS
t OV
t SH
t DIS
t OD
Figure 1. Serial Interface Timing Diagram
Table 1. Serial Interface Timing Requirements
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Minimum Select Setup Time
tSS
100
ns
Minimum Select Hold Time
tSH
250
ns
Minimum Select Disable Time
tDIS
100
ns
Minimum Data Setup Time
tDS
25
ns
Minimum Data Hold Time
tDH
45
ns
Maximum Rise Time
tR
25
ns
Maximum Fall Time
tF
25
ns
Minimum Clock Period
tCP
250
ns
Minimum Clock High Time
tCH
100
ns
Maximum Time to Output Valid
tOV
100
ns
Maximum Output Data Disable
tOD
50
ns
SC1905
698MHz to 3800MHz RF Power Amplifier Linearizer
(RFPAL)
www.maximintegrated.com
Maxim Integrated | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com