Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16153AECT Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX16153AECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16153AECT Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX16153AECT Datasheet HTML 11Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 12Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 13Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 14Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 15Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 16Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 17Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 18Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
VCC
WD_EN
RST
VCC (MIN)
VTH
tRP
tSTART-UP
A
B
A B
C WATCHDOG DOES NOT START AFTER START-UP PERIOD SINCE WD_EN IS HELD LOW.
D TRANSITION ON WDI IGNORED WHEN WD_EN IS HELD LOW.
E WATCHDOG TIMER STARTS AFTER RISING EDGE ON WD_EN.
F WATCHDOG TIMES OUT, WDO ASSERTS AND THE NEXT WATCHDOG TIMER STARTS AT THE FALLING EDGE OF WDO.
G TRANSITION ON WDI IGNORED AFTER WDO ASSERTS.
tWD
C
D E
F
tWD
WDO
WDI
G
TRANSITIONS ON WDI INGORED DURING tRP and tSTARTUP DELAY.
H
H WATCHDOG TIMES OUT, WDO ASSERTS.
tWDO
tWDO
Figure 3. Watchdog Timing Characteristics with WD_EN Active After Startup Time
Watchdog Input Signal
Watchdog timing is measured from the last WDI falling edge associated with a pulse of at least 1µs (min) in width.
WDI transitions are ignored when WDO and/or RST are asserted, and during the startup delay period. Watchdog input
transitions are also ignored for a setup period (tSETUP) of up to 300μs after WD_EN is asserted.
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com