Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF109 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  RF109 Datasheet HTML 1Page - Synaptics Incorporated. RF109 Datasheet HTML 2Page - Synaptics Incorporated. RF109 Datasheet HTML 3Page - Synaptics Incorporated. RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RF109
2400 MHz Digital Spread Spectrum Transceiver
2
Conexant
100646A
Conexant Proprietary
1/19/00
LNAATTN
90o
Synthesizer
LNAIN
Modulator
Gain
Control
RFO1
RFO2
LNA
FREF
GMCRES
RXQ
AGC
RXI
STROBE
CLK
DATA
TXD
External
CSERVO
MODSET
PS1
PS2
LPF
VCO
External
Serial
Interface
External
CSERVO
Power
Mgmt.
RXEN
SYNTHEN
TXEN
Figure 2. RF109 Block Diagram
Technical Description
Receive Path_______________________________________
The LNA provides two gain levels for coarse Automatic Gain
Control (AGC), which are selected via the LNAATTN control.
The signal is down-converted to In-phase and Quadrature-
phase (I/Q) baseband signals using a matched pair of mixers
and the LO.
The receive baseband bandwidth has a bandpass characteristic.
The I/Q baseband signals are internally low-pass and high-pass
filtered to attenuate out-of-channel signals and to remove DC
components. The low-pass cutoff is determined by the GmC
filters and is set by the Rgmc resistor connected to pin 13. The
high-pass cutoff is set by the value of the Cservo capacitors
connected between pins 32–33, and pins 34–35.
The baseband high-pass cutoff frequency should be set much
lower than the low-pass cutoff frequency or else the servo loop
will become unstable.
The optimum receive bandwidth values are:
fLPF = 820 kHz, Rgmc = 825 Ω
fHPF = 20 kHz, Cservo = 0.082 µF
A matched pair of VGAs provide fine AGC. The differential I/Q
baseband signals are DC-coupled to the RXI+, RXI-, RXQ+, and
RXQ- outputs, respectively.
Transmit Path_______________________________________
The transmit path consists of an amplifier and a mixer. The
mixer modulates the LO with baseband data supplied to pin 8.
The transmit RF outputs from the RF109 are differential and
matched for a 100
Ω differential load. If a single-ended
connection is required, then the unused output must be suitably
terminated by a 50
Ω resistor (as shown in Figure 5).
The transmit output power is determined by the output power
control inputs, PS1 (pin 21) and PS2 (pin 22), and by the value
of Rmod (connected to pin 20). Rmod sets the bias current into the
modulator which is then multiplied by a factor set by the state of
PS1 and PS2. PS1 and PS2 input programming is given in the
Transmitter Section of Table 3.
LO Generation ______________________________________
The LO is generated by a programmable PLL frequency
synthesizer and a 2.4 GHz external VCO. Synthesizer
performance parameters are determined by the loop filter, the
external reference oscillator, the sensitivity and phase noise of
the VCO, and the frequency synthesizer programming.
The RF109 requires differential inputs for VCO1 (pin 38) and
VCO2 (pin 39). The typical differential input level is 200 mVp-p.
A BALUN transformer, shown in Figure 5, is used to generate
differential signals from a single-ended VCO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com