Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32T4/41 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 32T4/41
Description  32 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

32T4/41 Datasheet(HTML) 1 Page - Satco Products, Inc.

  32T4/41 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7332
32T4/41
32 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 82 CRI;
Medium base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7332
Item Number
Product Line
UPC
Voltage
Watts
Incandescent Equivalent Lamp Shape
Base
S7332
Hi-Pro
045923073328
120
32
100W
T4
Medium
ANSI Base
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated
Hours
Kelvin Temp
Color
E26
32T4/41
6.73''
2.63''
2000
10000
4100
Cool White
Pack
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL
Listed
Warranty
48/12
Box
82
Lawful for sale in
California
3.2 mg
Yes
Yes
2 Year Limited


Similar Part No. - 32T4/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
32T4/41 SATCO-32T4/41 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 85 CRI; Mogul base; 277 volts
32T4/41 SATCO-32T4/41 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 85 CRI; Medium base; 277 volts
More results

Similar Description - 32T4/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S7222 SATCO-S7222 Datasheet
124Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7331 SATCO-S7331 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7333 SATCO-S7333 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7334 SATCO-S7334 Datasheet
124Kb / 1P
40 watt; Hi-Pro Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7335 SATCO-S7335 Datasheet
124Kb / 1P
40 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7336 SATCO-S7336 Datasheet
124Kb / 1P
40 watt; Hi-Pro Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7337 SATCO-S7337 Datasheet
125Kb / 1P
55 watt; Hi-Pro Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7338 SATCO-S7338 Datasheet
125Kb / 1P
55 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7339 SATCO-S7339 Datasheet
125Kb / 1P
55 watt; Hi-Pro Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7423 SATCO-S7423 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 85 CRI; Medium base; 277 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com