Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APFA3010SURKZGSYKC Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APFA3010SURKZGSYKC
Description  3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APFA3010SURKZGSYKC Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APFA3010SURKZGSYKC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APFA3010SURKZGSYKC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APFA3010SURKZGSYKC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APFA3010SURKZGSYKC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAI9094 / 1203008730 Rev No: V.7A Date: 05/07/2018
Page 1 / 4
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
APFA3010SURKZGSYKC
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
DESCRIPTIONS
The Hyper Red source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode
The Super Bright Yellow device is made with AlGaInP
(on GaAs substrate) light emitting diode chip
Electrostatic discharge and power surge could
Damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
3.0 x 1.5 x 1.0 mm right angle SMD LED, 1.0 mm
thickness
Low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
Tinned pads for improved solderability
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APFA3010SURKZGSYKC
Hyper Red
(AlGaInP)
Water Clear
120
220
150
°
*55
*80
Green (InGaN)
200
400
*200
*400
120
180
*120
*180
Super Bright Yellow
(AlGaInP)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Yellow
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - APFA3010SURKZGSYKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3010SURKZGSYKC KINGBRIGHT-APFA3010SURKZGSYKC Datasheet
357Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APFA3010SURKZGSYKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3010SURKCGKSYKC KINGBRIGHT-APFA3010SURKCGKSYKC Datasheet
345Kb / 7P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APFA3010SEKJ3ZGKQBKC TO-GRACE-APFA3010SEKJ3ZGKQBKC Datasheet
971Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APFA3010SURKCGKSYKC TO-GRACE-APFA3010SURKCGKSYKC Datasheet
976Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APFA3011-AK13-F TO-GRACE-APFA3011-AK13-F Datasheet
1Mb / 5P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010EC-GX TO-GRACE-APA3010EC-GX Datasheet
782Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010QWF-D-GX TO-GRACE-APA3010QWF-D-GX Datasheet
741Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SECK-GX TO-GRACE-APA3010SECK-GX Datasheet
814Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SGC-GX TO-GRACE-APA3010SGC-GX Datasheet
790Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SURCK-GX TO-GRACE-APA3010SURCK-GX Datasheet
817Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
KPA-3010SYCK TO-GRACE-KPA-3010SYCK Datasheet
843Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com