Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX541 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX541
Description  MAX54X Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX541 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX541 Datasheet HTML 1Page - Maxim Integrated Products MAX541 Datasheet HTML 2Page - Maxim Integrated Products MAX541 Datasheet HTML 3Page - Maxim Integrated Products MAX541 Datasheet HTML 4Page - Maxim Integrated Products MAX541 Datasheet HTML 5Page - Maxim Integrated Products MAX541 Datasheet HTML 6Page - Maxim Integrated Products MAX541 Datasheet HTML 7Page - Maxim Integrated Products MAX541 Datasheet HTML 8Page - Maxim Integrated Products MAX541 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX54X evaluation kit (EV kit) provides a proven
design to evaluate the MAX541/MAX542 serial-input, volt-
age-output, 16-bit digital-to-analog convertors (DACs).
The EV kit also includes Windows XPM-, Windows VistaM-,
and WindowsM 7-compatible software that provides a
simple graphical user interface (GUI) for exercising the
features of these devices.
The DACs are controlled by an on-board MAXQM micro-
controller, which provides two separate SPI control
interfaces.
The EV kit provides an on-board +2.5V high-precision
voltage reference (MAX6126). The EV kit also provides
precision bipolar and ultra-precision unipolar op amps,
the MAX9632 (single) and MAX44251 (dual), respectively.
The EV kit comes with the MAX541AESA+ and a
MAX542AESD+ installed; however, it can also be used
to evaluate other parts in the same family. Contact the
factory for free samples of the pin-compatible devices
shown in Table 1.
Features
S
Provides Both Bipolar and Unipolar Outputs
S
On-Board +2.5V High-Precision Voltage Reference
S
On-Board Bipolar and Unipolar High-Precision Op
Amps
S
Proven High-Performance 16-Bit DAC PCB Layout
S
High-Speed USB 2.0 USB-PC Connection (Cable
Included)
S
Windows XP-, Windows Vista-, and Windows
7-Compatible Software
S
RoHS Compliant
S
Proven PCB Layout
S
Fully Assembled and Tested
VDD
UNIPOLAR OUT
(0V TO VREF)
MAX44251
1/2
OUT
VDD
VDD
MAX541
CS
DIN
SCLK
GND
REF
MAX6126
+2.5V
VDD
2k
2k
2k
2k
UNCOMMITTED
OPERATIONAL
AMPLIFIER
MAX44251
1/2
MAXQ622
USB PORT
PC
VCC
VEE
BIPOLAR OUT
(-VREF TO VREF)
MAX9632
VDD
VDD
MAX542
REF
RFB
INV
OUT
MAX6126
+2.5V
CS
LDAC
DIN
SCLK
GND
MAX54X Evaluation Kit
Evaluates: MAX541/MAX542
_________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
System Diagram
19-6340; Rev 0; 5/12
Ordering Information appears at end of data sheet.
MAXQ is a registered trademark of Maxim Integrated Products,
Inc.
Windows, Windows XP, and Windows Vista are registered
trademarks of Microsoft Corp.


Similar Part No. - MAX541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX5410EEE MAXIM-MAX5410EEE Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5410ETE MAXIM-MAX5410ETE Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411 MAXIM-MAX5411 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411EEE MAXIM-MAX5411EEE Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
More results

Similar Description - MAX541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com