Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6952 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6952
Description  MAX6952 Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6952 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6952 Datasheet HTML 1Page - Maxim Integrated Products MAX6952 Datasheet HTML 2Page - Maxim Integrated Products MAX6952 Datasheet HTML 3Page - Maxim Integrated Products MAX6952 Datasheet HTML 4Page - Maxim Integrated Products MAX6952 Datasheet HTML 5Page - Maxim Integrated Products MAX6952 Datasheet HTML 6Page - Maxim Integrated Products MAX6952 Datasheet HTML 7Page - Maxim Integrated Products MAX6952 Datasheet HTML 8Page - Maxim Integrated Products MAX6952 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MAX6952 Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
Required Equipment
Before beginning, the following equipment is needed:
• Compatible PC running Windows 95/98/2000
• Parallel printer port LPT1, LPT2, or LPT3 (25-pin fe-
male socket)
• Standard 25-pin, straight-through, male-to-female
cable (6ft maximum printer extension cable) to connect
the computer’s parallel port to the MAX6952 EV kit
• DC power supply capable of supplying between
2.7V and 5.5V and at least 500mA of current
Procedure
The MAX6952 EV kit is fully assembled and tested.
Caution: Do not turn on the power until all connec-
tions are made.
1) Connect the computer’s parallel port to the MAX6952
EV kit. Use a straight-through 25-pin female-to-male
cable. The EV kit software uses a loopback connec-
tion to confirm that the correct port has been selected.
2) Use the INSTALL.EXE program to install the files and
create icons for them in the Windows 95/98/2000
Start menu. For Windows 2000, check to confirm that
you have the required administrator privilege.
3) Turn on the power supply and set it to 5V and turn it off.
4) Connect the power-supply positive terminal to the
VCC pad and negative terminal to the GND pad.
Turn on the power supply.
5) Start the MAX6952 program by opening its icon in
the Start menu.
6) Observe as the program automatically detects the
parallel port address of the MAX6952 EV kit and
starts the main program.
7) Header J2 is provided to monitor the parallel port
pins supplying the CLK_P, CS_P, DIN_P, DOUT_P
(5V signals), and loopback signals. The CS, DIN,
CLK, DOUT, and BLINK pads on the EV kit’s left side
are VCC level-shifted signals from the MAX1841 and
MAX3370 level translators, respectively. Both signal
locations can be used for monitoring.
Note: An uninstall program is included with the soft-
ware. Click on the UNINSTALL icon to remove the EV
kit software from the hard drive.
Detailed Description of Software
Note: Words in boldface are user-selectable features in
the software.
Software Startup
A mouse or the Tab key is used to navigate between
items on the Main display window. Upon starting the
program, the MAX6952 EV kit display is programmed to
initialize in Normal mode, display eight digits, blink at
the Slow Rate with an 8/16 (50% duty cycle) display
intensity, and display the contents of the initialized
MAX6952 SRAM Plane P0 and P1 contents. The User
RAM characters are blank. The MAX6952 EV kit eight-
digit 5 x 7 matrix LED display should alternate between
MAX6952 and ->EV KIT. The number of digits dis-
played is fixed at eight digits, four digits per MAX6952.
Main Window Display Controls
The Display Mode radio buttons determine the mode of
operation of the MAX6952 EV kit. Clicking on the
Shutdown radio button puts the MAX6952 drivers into
shutdown mode. The display is blank and the EV kit
draws the least amount of current in this mode.
Selecting the Normal radio button places the MAX6952
EV kit in the normal mode of operation. The Test radio
button puts the MAX6952 EV kit in test mode. All eight
digits of the 5 x 7 LED matrix display on the MAX6952
EV kit are illuminated with a 50% duty cycle (8/16).
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Diodes Inc.
805-446-4800
www.diodes.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
Murata Mfg. Co., Ltd.
770-436-1300
www.murata.com
SANYO North America Corp.
619-661-6835
www.sanyovideo.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
847-803-6100
www.component.tdk.com
Zetex USA
631-543-7100
www.zetex.com
Note: Indicate that you are using the MAX6952 when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com