Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD5F1GQ4RE9JS Datasheet(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4RE9JS
Description  SPI(x1/x2/x4) NAND Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4RE9JS Datasheet(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD5F1GQ4RE9JS Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
5
2
GENERAL DESCRIPTION
SPI (Serial Peripheral Interface) NAND Flash provides an ultra cost-effective while high density non-volatile memory
storage solution for embedded systems, based on an industry-standard NAND Flash memory core. It is an attractive
alternative to SPI-NOR and standard parallel NAND Flash, with advanced features:
• Total pin count is 8, including VCC and GND
• Density is 1G bit
• Superior write performance and cost per bit over SPI-NOR
• Significant low cost than parallel NAND
This low-pin-count NAND Flash memory follows the industry-standard serial peripheral interface, and always remains the
same pin-out from one density to another. The command sets resemble common SPI-NOR command sets, modified to
handle NAND specific functions and added new features. GigaDevice SPI NAND is an easy-to-integrate NAND Flash
memory, with specified designed features to ease host management:
• User-selectable internal ECC. ECC code is generated internally during a page program operation. When a page is
read to the cache register, the ECC code is detect and correct the errors when necessary. The 64-bytes spare area is
available even when internal ECC enabled. The device outputs corrected data and returns an ECC error status.
• Internal data move or copy back with internal ECC. The device can be easily refreshed and manage garbage
collection task, without need of shift in and out of data.
• Power on Read with internal ECC. The device will automatically read first page of fist block to cache after power
on, then host can directly read data from cache for easy boot. Also the data is promised correctly by internal ECC.
It is programmed and read in page-based operations, and erased in block-based operations. Data is transferred to or from
the NAND Flash memory array, page by page, to a data register and a cache register. The cache register is closest to I/O
control circuits and acts as a data buffer for the I/O data; the data register is closest to the memory array and acts as a data
buffer for the NAND Flash memory array operation. The cache register functions as the buffer memory to enable page and
random data READ/WRITE and copy back operations. These devices also use a SPI status register that reports the status
of device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com