Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD9FU1G8F2AMG Datasheet(PDF) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FU1G8F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FU1G8F2AMG Datasheet(HTML) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD9FU1G8F2AMG Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
GD9Fx1GxF2A
4
1. FEATURES
◆
Single level cell technology
◆
Number of Valid Blocks
- Min 1004 blocks
◆
ONFI 1.0 Compatible
- Max 1024 blocks
◆
Power Supply Voltage
◆
Operating Current
- VCC/VCCQ = 1.7 ~ 1.95v(GD9FS)
- Read(25ns cycle): 15mA
- VCC/VCCQ = 2.7 ~ 3.6v (GD9FU)
- Program(Typ): 15mA
- Erase(Typ): 15mA
◆
Memory Cell Organization
- Standby(Max):50uA (CMOS)
- Page size:
X8: 2K + 128bytes
◆
Reliability
X16: 1K + 64words
- P/E cycles with ECC: 100K
- Block size:
- Data retention: 10 Years
X8: 128K + 8K bytes
X16: 64K + 4K words
◆
ECC Requirement
- Plane size: 1024 blocks
- 4bit/512 bytes
- Device size: 1024 blocks
◆
Operating Temperature
◆
Page Read / Program time
- Industrial (I): -40C ~ 85C
- Random Read Time (tR): 25us Max.
- Industrial (J): -40C ~ 105C
- Sequential Access Time
3.3v Device: 25ns Min.
◆
Chip Enable Don’t Care Option
1.8v Device:45ns Min.
◆
Security
- Page Program(tPROG): 300us Typ.
- OTP area
- Non-volatile protection
◆
Block Erase
◆
Package
- Block Erase Time(tBERS): 3ms Typ.
- TSOPI 48 (12mm x 20mm)
- FBGA63 (9mm x 11mm)
- FBGA48 (6mm x 8mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com