Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD9FU1G6F2ALG Datasheet(PDF) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FU1G6F2ALG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FU1G6F2ALG Datasheet(HTML) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FU1G6F2ALG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2ALG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2ALG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2ALG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2ALG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2ALG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2ALG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2ALG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2ALG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
GD9Fx1GxF2A
44
12. AC CHARACTERISTICS
12.1 Test Condition
(TA=-40 to 85°CVcc=1.7V~1.95V /2.7V~3.6V)
Parameter
GD9FS1G8F2A/GD9FU1G8F2A
Input Pulse Levels
0V to VCC
Input Rise and Fall Times
5ns
Input and Output Timing Levels
VCC/2
Output Load
1 TTL GATE and CL=30fF
12.2 Capacitance (TA=25°C, F=1.0MHz)
Parameter
Symbol
Test condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
6
pF
Input Capacitance
CIN
VIN=0V
-
8
pF
Notes: Capacitance is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com