Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25B127DPIG Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B127DPIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B127DPIG Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B127DPIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DPIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DPIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DPIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DPIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DPIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DPIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DPIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DPIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B127D
56
Product Number
Density
Package Type
GD25B127DSEG
128Mbit
SOP8 208mil
GD25B127DSES
GD25B127DVEG
128Mbit
VSOP8 208mil
GD25B127DVES
GD25B127DPEG
128Mbit
DIP8 300mil
GD25B127DPES
GD25B127DFEG
128Mbit
SOP16 300mil
GD25B127DFES
GD25B127DWEG
128Mbit
WSON8 (6x5mm)
GD25B127DWES
GD25B127DYEG
128Mbit
WSON8 (8x6mm)
GD25B127DYES
GD25B127DZEG
128Mbit
TFBGA-24ball (6x4 Ball Array)
GD25B127DZES
Temperature Range F: Industrial+ (-40℃ to +85℃)
Product Number
Density
Package Type
GD25B127DSFG
128Mbit
SOP8 208mil
GD25B127DSFS
GD25B127DVFG
128Mbit
VSOP8 208mil
GD25B127DVFS
GD25B127DPFG
128Mbit
DIP8 300mil
GD25B127DPFS
GD25B127DFFG
128Mbit
SOP16 300mil
GD25B127DFFS
GD25B127DWFG
128Mbit
WSON8 (6x5mm)
GD25B127DWFS
GD25B127DYFG
128Mbit
WSON8 (8x6mm)
GD25B127DYFS
GD25B127DZFG
128Mbit
TFBGA-24ball (6x4 Ball Array)
GD25B127DZFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com