Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25B127DVJS Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B127DVJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B127DVJS Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B127DVJS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DVJS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DVJS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DVJS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DVJS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DVJS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DVJS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DVJS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127DVJS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B127D
55
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40℃ to +85℃)
Product Number
Density
Package Type
GD25B127DSIG
128Mbit
SOP8 208mil
GD25B127DSIS
GD25B127DVIG
128Mbit
VSOP8 208mil
GD25B127DVIS
GD25B127DPIG
128Mbit
DIP8 300mil
GD25B127DPIS
GD25B127DFIG
128Mbit
SOP16 300mil
GD25B127DFIS
GD25B127DWIG
128Mbit
WSON8 (6x5mm)
GD25B127DWIS
GD25B127DYIG
128Mbit
WSON8 (8x6mm)
GD25B127DYIS
GD25B127DZIG
128Mbit
TFBGA-24ball (6x4 Ball Array)
GD25B127DZIS
Temperature Range J: Industrial (-40℃ to +105℃)
Product Number
Density
Package Type
GD25B127DSJG
128Mbit
SOP8 208mil
GD25B127DSJS
GD25B127DVJG
128Mbit
VSOP8 208mil
GD25B127DVJS
GD25B127DPJG
128Mbit
DIP8 300mil
GD25B127DPJS
GD25B127DFJG
128Mbit
SOP16 300mil
GD25B127DFJS
GD25B127DWJG
128Mbit
WSON8 (6x5mm)
GD25B127DWJS
GD25B127DYJG
128Mbit
WSON8 (8x6mm)
GD25B127DYJS
GD25B127DZJG
128Mbit
TFBGA-24ball (6x4 Ball Array)
GD25B127DZJS
Temperature Range E: Industrial (-40℃ to +125℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com