Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA55-P Datasheet(PDF) 2 Page - LEM

Part # LA55-P
Description  Current Transducer LA 55-P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA55-P Datasheet(HTML) 2 Page - LEM

  LA55-P Datasheet HTML 1Page - LEM LA55-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Remarks
•I
S is positive when IP flows in the direction of the arrow.
•Temperature of the primary conductor should not exceed
90°C.
•Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
•In order to achieve the best magnetic coupling, the primary
windings have to be wound over the top edge of the device.
•This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
•General tolerance
± 0.2 mm
•Primary through-hole
12.7 x 7 mm
•Fastening & connection of secondary
3 pins
0.63 x 0.56mm
Recommended PCB hole
0.9 mm
Dimensions LA 55-P (in mm. 1 mm = 0.0394 inch)
Bottom view
Front view
Left view
Secondary terminals
Terminal +
: supply voltage + 12 .. 15 V
Terminal -
: supply voltage - 12 .. 15 V
Terminal M : measure
Connection
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Standard 00
Year Week
or N° SP..
swiss
made



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com