Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LB128DSIG Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LB128DSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB128DSIG Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB128DSIG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DSIG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DSIG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DSIG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DSIG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DSIG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DSIG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DSIG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DSIG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB128D
19
7.3. Write Enable for Volatile Status Register (50H)
The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to change the
system configuration and memory protection schemes quickly without waiting for the typical non-volatile bit write cycles or
affecting the endurance of the Status Register non-volatile bits. The Write Enable for Volatile Status Register command
must be issued prior to a Write Status Register command and any other commands can't be inserted between them.
Otherwise, Write Enable for Volatile Status Register will be cleared. The Write Enable for Volatile Status Register command
will not set the Write Enable Latch bit, it is only valid for the Write Status Register command to change the volatile Status
Register bit values.
Figure4. Write Enable for Volatile Status Register Sequence Diagram
CS#
SCLK
Command(50H)
SI
SO
0
1
2
3
4
5
6
7
High-Z
Figure4a. Write Enable for Volatile Status Register Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
50H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com