Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LD80C Datasheet(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD80C
Description  1.8V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD80C Datasheet(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD80C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
1.8V Uniform Sector
Standard and Dual Serial Flash
GD25LD80C
38
10.4.
Package DIP8 300MIL
E
E1
A
A2
A1
b1
e
θ
D
L
b
eA
1
4
8
5
c
Dimensions
Symbol
A
A1
A2
b
b1
C
D
E
E1
e
L
eA
θ
Unit
mm
Min
-
0.38
3.00
1.14
0.36
0.20
9.02
7.62
6.10
2.54
2.92
8.45
0°
Nom
-
-
3.30
1.52
0.46
0.25
9.27
7.87
6.35
3.30
8.90
-
Max
3.88
-
3.50
1.78
0.56
0.35
9.59
8.26
6.60
3.81
9.35
11°
Note: Both the package length and width do not include the mold flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com