Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LE05C Datasheet(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
38
7.24 Read Manufacture ID/ Device ID Quad I/O (94H)
The Read Manufacturer/Device ID Quad I/O command is an alternative to the Release from Power-Down / Device ID
command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by quad I/O.
The command is initiated by driving the CS# pin low and shifting the command code “94H” followed by a 24-bit address
(A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on the falling edge of SCLK with
most significant bit (MSB) first as shown in Figure26. If the 24-bit address is initially set to 000001H, the Device ID will be
read first.
Figure26. Read Manufacture ID/ Device ID Quad I/O Sequence Diagram
Command
0
1
2
3
4
5
6
7
94H
CS#
SCLK
SI(IO0)
SO(IO1)
8
9 10 11 12 13 14 15
4
0
4
0
4
0
4
0
16 17 18 19 20 21 22 23
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
A23-16 A15-8 A7-0
M7-0
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
WP#(IO2)
HOLD#(IO3)
Dummy
MFR ID
DID
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
24 25 26 27 28 29 30 31
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
MFR ID
(Repeat)
DID
(Repeat)
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
MFR ID
(Repeat)
DID
(Repeat)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com