Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LE20C Datasheet(PDF) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE20C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE20C Datasheet(HTML) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE20C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
15
Table4a. GD25LE05C Protected area size (CMP=1)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
X
X
0
0
0
000000H-00FFFFH
64KB
ALL
0
X
X
0
1
NONE
NONE
NONE
NONE
0
X
X
1
X
NONE
NONE
NONE
NONE
1
X
0
0
0
0
000000H-00FFFFH
64KB
ALL
1
0
0
0
1
0
000000H-00EFFFH
60KB
Lower 15/16
1
0
0
1
0
0
000000H-00DFFFH
56KB
Lower 7/8
1
0
0
1
1
0
000000H-00BFFFH
48KB
Lower 3/4
1
0
1
0
X
0
000000H-007FFFH
32KB
Lower 1/2
1
0
1
1
0
0
000000H-007FFFH
32KB
Lower 1/2
1
1
0
0
1
0
001000H-00FFFFH
60KB
Upper 15/16
1
1
0
1
0
0
002000H-00FFFFH
56KB
Upper 7/8
1
1
0
1
1
0
004000H-00FFFFH
48KB
Upper 3/4
1
1
1
0
X
0
008000H-00FFFFH
32KB
Upper 1/2
1
1
1
1
0
0
008000H-00FFFFH
32KB
Upper 1/2
1
X
1
1
1
NONE
NONE
NONE
NONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com