Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LE32D Datasheet(PDF) 66 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE32D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE32D Datasheet(HTML) 66 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE32D Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE32D
66
10.2 Package VSOP8 208MIL
D
E
E1
A
A2
A1
b
e
“A”
L1
L
b
c
Base Metal
Detail
“A”
θ
1
4
8
5
Dimensions
Symbol
A
A1
A2
b
c
D
E
E1
e
L
L1
θ
Unit
mm
Min
-
0.05
0.75
0.35
0.09
5.18
7.70
5.18
1.27
0.50
1.31
Nom
-
0.10
0.80
0.42
0.15
5.28
7.90
5.28
-
-
Max
1.00
0.15
0.85
0.50
0.20
5.38
8.10
5.38
0.80
10°
Note:
1. Both the package length and width include the mold flash.
2. Seating plane: Max. 0.1mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com