Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LE256D Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256D Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256D Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
10
1
1
1
0
X
0
000000H-007FFFH
32KB
Bottom Block
1
1
1
1
0
0
000000H-007FFFH
32KB
Bottom Block
Table1a. GD25LE256D Protected area size (CMP=1)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
0 to 511
000000H-1FFFFFFH
ALL
ALL
0
0
0
0
1
0 to 503
000000H-1F7FFFFH
32256KB
Lower 63/64
0
0
0
1
0
0 to 494
000000H-1EFFFFFH
31MB
Lower 31/32
0
0
0
1
1
0 to 478
000000H-1DFFFFFH
30MB
Lower 15/16
0
0
1
0
0
0 to 446
000000H-1BFFFFFH
28MB
Lower 7/8
0
0
1
0
1
0 to 383
000000H-17FFFFFH
24MB
Lower 3/4
0
0
1
1
0
0 to 254
000000H-0FFFFFFH
16MB
Lower 1/2
0
1
0
0
1
8 to 511
080000H-1FFFFFFH
32256KB
Upper 63/64
0
1
0
1
0
16 to 511
100000H-1FFFFFFH
31MB
Upper 31/32
0
1
0
1
1
32 to 511
200000H-1FFFFFFH
30MB
Upper 15/16
0
1
1
0
0
64 to 511
400000H-1FFFFFFH
28MB
Upper 7/8
0
1
1
0
1
128 to 511
800000H-1FFFFFFH
24MB
Upper 3/4
0
1
1
1
0
256 to 511
1000000H-1FFFFFFH
16MB
Upper 1/2
X
X
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 511
000000H-1FFEFFFH
32764KB
L-4095/4096
1
0
0
1
0
0 to 511
000000H-1FFDFFFH
32760KB
L-2047/2048
1
0
0
1
1
0 to 511
000000H-1FFBFFFH
32752KB
L-1023/1024
1
0
1
0
X
0 to 511
000000H-1FF7FFFH
32736KB
L-511/512
1
0
1
1
0
0 to 511
000000H-1FF7FFFH
32736KB
L-511/512
1
1
0
0
1
0 to 511
001000H-1FFFFFFH
32764KB
U-4095/4096
1
1
0
1
0
0 to 511
002000H-1FFFFFFH
32760KB
U-2047/2048
1
1
0
1
1
0 to 511
004000H-1FFFFFFH
32752KB
U-1023/1024
1
1
1
0
X
0 to 511
008000H-1FFFFFFH
32736KB
U-511/512
1
1
1
1
0
0 to 511
008000H-1FFFFFFH
32736KB
U-511/512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com