Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ80C Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ80C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ80C Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ80C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80C Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ80C
56
9.1 Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LQ80CTIG
8Mbit
SOP8 150mil
GD25LQ80CSIG
8Mbit
SOP8 208mil
GD25LQ80CMIG
8Mbit
VSOP8 150mil
GD25LQ80CVIG
8Mbit
VSOP8 208mil
GD25LQ80CEIG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LQ80CUIG
8Mbit
USON8 (3x2mm, 0.55mm thickness)
GD25LQ80CNIG
8Mbit
USON8 (3x4mm)
GD25LQ80CQIG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LQ80CWIG
8Mbit
WSON8 (6x5mm)
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LQ80CTJG
8Mbit
SOP8 150mil
GD25LQ80CSJG
8Mbit
SOP8 208mil
GD25LQ80CMJG
8Mbit
VSOP8 150mil
GD25LQ80CVJG
8Mbit
VSOP8 208mil
GD25LQ80CEJG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LQ80CUJG
8Mbit
USON8 (3x2mm, 0.55mm thickness)
GD25LQ80CNJG
8Mbit
USON8 (3x4mm)
GD25LQ80CQJG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LQ80CWJG
8Mbit
WSON8 (6x5mm)
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LQ80CTEG
8Mbit
SOP8 150mil
GD25LQ80CSEG
8Mbit
SOP8 208mil
GD25LQ80CMEG
8Mbit
VSOP8 150mil
GD25LQ80CVEG
8Mbit
VSOP8 208mil
GD25LQ80CEEG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LQ80CUEG
8Mbit
USON8 (3x2mm, 0.55mm thickness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com