Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LD05CTFG Datasheet(PDF) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD05CTFG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD05CTFG Datasheet(HTML) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD05CTFG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CTFG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CTFG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CTFG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CTFG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CTFG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CTFG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CTFG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CTFG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD10C/05C
7
3. MEMORY ORGANIZATION
GD25LD10C
Each device has
Each block has
Each sector has
Each page has
128K
64/32K
4K
256
bytes
512
256/128
16
-
pages
32
16/8
-
-
sectors
2/4
-
-
-
blocks
GD25LD05C
Each device has
Each block has
Each sector has
Each page has
64K
64/32K
4K
256
Bytes
256
256/128
16
-
pages
16
16/8
-
-
sectors
1/2
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25LD10C 64K Bytes Block Sector Architecture
Block
Sector
Address range
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH
GD25LD05C 64K Bytes Block Sector Architecture
Block
Sector
Address range
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com