Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ16CSFG Datasheet(PDF) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ16CSFG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ16CSFG Datasheet(HTML) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ16CSFG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ16CSFG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ16CSFG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ16CSFG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ16CSFG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ16CSFG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ16CSFG Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ16CSFG Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ16CSFG Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ16C
70
11 REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial release
All
2017-7-7
1.1
Delete WLCSP Package
P60
2017-7-24
1.2
Delete Security Register #0 in 48H command
P38
2017-8-21
1.3
Modify Input Pause Voltage from
“0.2VCC to 0.8VCC” to “0.1VCC to
0.8VCC”
Modify Input Timing Reference Voltage from “0.3VCC to 0.7VCC” to
“0.2VCC to 0.7VCC”
Modify tw max value from 15ms to 20ms
Delete tRST_P and tRST_R
Add tRST, of which the max value is 30us
Add “T or no mark: Tube” to the 9th code of Part Number
Add WLCSP Package
Modify Note2 of USON8 and WSON8 Packages
P47
P47
P49
P49
P49
P51
P62
P57-60
2017-11-8
1.4
Add
“F”, “J” and “E” to the 7th code of ordering information
Update the description of SOP8, VSOP8, WSON8, USON8 and LGA8
packages
P52
P54-62
2018-1-24
1.5
Add
“E1” values to the dimension table of USON8 4x4 package
Delete E7H command and related contents
Modify Icc2 max value from 5uA to 8uA
Modify tBP1 from 15~30us to 25~50us
P60
---
P47
P48
2018-3-9
1.6
Modify tVSL min value from 5ms to 1.8ms
Add tRS, of which the min value is 100us
Add
“3”, “2” and “A” to the 7th code of ordering information
P45
P48
P51
2018-4-16
1.7
Add DC parameters @-40℃~105℃ & @-40℃~125℃
Add AC parameters @-40℃~105℃ & @-40℃~125℃
Add valid part number of products @-40℃~105℃ & @-40℃~125℃
P48, 49
P52-55
P58, 59
2018-6-27
1.8
Add 4BH command
Modify the sequence diagram of 42H command
P37
P38
2018-8-15
1.9
Modify Icc1 max value @-40℃~85℃ from 25uA to 28uA
Modify Icc1 max value @-40℃~125℃ from 50uA to 60uA
Modify Icc2 max value @-40℃~125℃ from 15uA to 20uA
Modify tBE1 max value @-40℃~105℃ from 1s to 1.2s
Modify tBE2 max value @-40℃~105℃ from 1.2s to 2s
Modify tCE max value @-40℃~105℃ from 13s to 16s
Modify tPP max value @-40℃~125℃ from 3ms to 4ms
Modify tBE1 max value @-40℃~125℃ from 1s to 1.8s
Modify tBE2 max value @-40℃~125℃ from 1.2s to 3.2s
Modify tCE max value @-40℃~125℃ from 13s to 24s
Remove tSE max values for 50K cycling
Add tCLQV (CL = 15pF), of which the max value is 6ns
P47
P49
P49
P52
P52
P53
P54
P54
P54
P55
P50, 52, 54
P50, 52, 54
2018-10-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com