Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LD40CQFG Datasheet(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD40CQFG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD40CQFG Datasheet(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD40CQFG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQFG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQFG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQFG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQFG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQFG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQFG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQFG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQFG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
35
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LD40CTEG
4Mbit
SOP8 150mil
GD25LD20CTEG
2Mbit
GD25LD40CSEG
4Mbit
SOP8 208mil
GD25LD20CSEG
2Mbit
GD25LD40COEG
4Mbit
TSSOP8 173mil
GD25LD20COEG
2Mbit
GD25LD40CPEG
4Mbit
DIP8 300mil
GD25LD20CPEG
2Mbit
GD25LD40CKEG
4Mbit
USON8 (1.5x1.5mm)
GD25LD20CKEG
2Mbit
GD25LD40CEEG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LD20CEEG
2Mbit
GD25LD40CQEG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LD20CQEG
2Mbit
GD25LD40CWEG
4Mbit
WSON8 (6x5mm)
GD25LD20CWEG
2Mbit
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LD40CTFG
4Mbit
SOP8 150mil
GD25LD20CTFG
2Mbit
GD25LD40CSFG
4Mbit
SOP8 208mil
GD25LD20CSFG
2Mbit
GD25LD40COFG
4Mbit
TSSOP8 173mil
GD25LD20COFG
2Mbit
GD25LD40CPFG
4Mbit
DIP8 300mil
GD25LD20CPFG
2Mbit
GD25LD40CKFG
4Mbit
USON8 (1.5x1.5mm)
GD25LD20CKFG
2Mbit
GD25LD40CEFG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LD20CEFG
2Mbit
GD25LD40CQFG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LD20CQFG
2Mbit
GD25LD40CWFG
4Mbit
WSON8 (6x5mm)
GD25LD20CWFG
2Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com