Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMC21 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 27Page - ATMEL Corporation SAMC21 Datasheet HTML 28Page - ATMEL Corporation SAMC21 Datasheet HTML 29Page - ATMEL Corporation SAMC21 Datasheet HTML 30Page - ATMEL Corporation SAMC21 Datasheet HTML 31Page - ATMEL Corporation SAMC21 Datasheet HTML 32Page - ATMEL Corporation SAMC21 Datasheet HTML 33Page - ATMEL Corporation SAMC21 Datasheet HTML 34Page - ATMEL Corporation SAMC21 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
4.5.1.
Serial Wire Debug
The Serial Wire Debug (SWD) use two pins to communicate with the target. For further information on
how to use the programming and debugging capabilities of the EDBG, see Embedded Debugger.
Table 4-27. SWD Connections
SAM C21 pin
Function
PA30
SWD clock
PA31
SWD data
4.5.2.
Virtual COM Port
The Embedded Debugger acts as a Virtual Com Port gateway by using one of the ATSAMC21J18A
UARTs. For further information on how to use the Virtual COM port, see Embedded Debugger.
Table 4-28. Virtual COM Port Connections
SAM C21 pin
Function
Shared functionality
PB10
SERCOM4 PAD[2] UART TXD (SAM C21 TX line)
-
PB11
SERCOM4 PAD[3] UART RXD (SAM C21 RX line) -
4.5.3.
Atmel Data Gateway Interface
The Embedded Debugger features an Atmel Data Gateway Interface (DGI) by using either an SPI or I²C.
The DGI can be used to send a variety of data from the ATSAMC21J18A to the host PC. For further
information on how to use the DGI interface, see Atmel Data Visualizer and the EDBG User Guide.
Table 4-29. DGI Interface Connections when using SPI
SAM C21 pin
Function
Shared functionality
PB23
GPIO/SPI SS (Slave select) (SAM C21 is Master)
-
PB02
SERCOM5 PAD[0] SPI MISO (Master In, Slave
Out)
EXT2, EXT3, Shield,
and Shield(2)
PB00
SERCOM5 PAD[2] SPI MOSI (Master Out, Slave
In)
EXT2, EXT3, Shield,
and Shield(2)
PB01
SERCOM5 PAD[3] SPI SCK (Clock Out)
EXT2, EXT3, Shield,
and Shield(2)
Table 4-30. DGI Interface Connections when using I²C
SAM C21 pin
Function
Shared functionality
PA12
SERCOM2 PAD[0] SDA (Data line)
EXT1, EXT2, EXT3,
Shield, and Crypto
Footprints
PA13
SERCOM2 PAD[1] SCL (Clock line)
EXT1, EXT2, EXT3,
Shield, and Crypto
Footprints
Four GPIO lines are connected to the Embedded Debugger. The EDBG can monitor these lines and time
stamp pin value changes. This makes it possible to accurately time stamp events in the SAM C21
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com