Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAD06 Datasheet(PDF) 2 Page - Dorji Industrial Group Co.,Ltd

Part # DAD06
Description  SX1262 testing board for Arduino UNO and ST Nucleo--L053R8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DAD06 Datasheet(HTML) 2 Page - Dorji Industrial Group Co.,Ltd

  DAD06 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DAD06 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DAD06 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DAD06 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DAD06 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DAD06 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DAD06 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DAD06 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DAD06 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DRF1262G
Revision 1.00
Page
of 8
Sept. 2018
2
DESCRIPTION
DAD06 is a testing board designed for lora sx1262 module DRF1262G. It can be used together with
development Arduino UNO or ST Nucleo-L053R8 to test the distance of DRF1262G module or make
quick re-development. Customers can download corresponding codes from DORJI website to make
quick start.
1. Arduino UNO platform
Users can set one kit as transmitter and another as receiver to make distance test. Because of the limited
hardware resource of Arduino UNO, the RF-factor and RF-Bandwidth are fixed in the codes so users
need to change related codes if wanting to test distance in different RF data rates.
DAD06 board is powered by 5V Arduino UNO. The max. working voltage of sx1262 chip can not
exceed 3.6V. There is a 5V-to-3V level converter on the board so users need to connect the jumper
( silkscreen name: Arduino/5V) and keep another jumper (silkscreen name: ST/3.3V) open in order to
get the right logic level connection with the I/O pins of DRF1262G module.
Figure 2: DAD06 board layout for Arduino UNO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com