Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P132CS Datasheet(PDF) 71 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 71 Page - NEC

Back Button UPD17P132CS Datasheet HTML 67Page - NEC UPD17P132CS Datasheet HTML 68Page - NEC UPD17P132CS Datasheet HTML 69Page - NEC UPD17P132CS Datasheet HTML 70Page - NEC UPD17P132CS Datasheet HTML 71Page - NEC UPD17P132CS Datasheet HTML 72Page - NEC UPD17P132CS Datasheet HTML 73Page - NEC UPD17P132CS Datasheet HTML 74Page - NEC UPD17P132CS Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
56
Example 2. Indirect data transfer using the general register
Assume that the general register is row address 0.
R005
MEM
0.05H
M034
MEM
0.34H
MOV
IXL, #0001B
;
IX
← 00000000001B
MOV
IXM, #0000B
;
MOV
IXH, #0000B
;
MPE
← 0
OR
PSW, #.DF.IXE AND 0FH ;
IXE
← 1
MOV
R005, #8
;
R005
← 8
MOV
@R005, M034
;
Indirect data transfer using the
register
As shown in Figure 7-12, when the above instructions are executed, the contents of data
memory address 35H is transferred to data memory location 38H.
When the MOV @r, m instruction is executed when IXE=1, the data memory address
specified by m (direct address) is modified using the contents of the index register. The bank
and row address of the indirect address specified by @r are also modified using the index
register.
The bank, row address, and column address specified by m (direct address) are all modified,
and the bank and row address specified by @r (indirect address) are modified. Therefore,
in the above example the direct address is 35H and the indirect address is 38H. This example
is different from Example 3 in 7.5.3 when IXE=0 for the following reasons: In this example,
the bank, row address and column address of the direct address specified by m are modified
using the index register. The general register is transferred to the address specified by the
column address of the modified data memory address and the same row address. (In
Example 3 in 7.5.3 the direct address is not modified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com