Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA889TX Datasheet(PDF) 1 Page - Dorji Industrial Group Co.,Ltd

Part # DRA889TX
Description  LOW COST ASK TRANSMITTER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRA889TX Datasheet(HTML) 1 Page - Dorji Industrial Group Co.,Ltd

  DRA889TX Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRA889TX Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DRA889TX
Revision 1.20
Page
of 2
Feb. 2016
1
DRA889TX
LOW COST ASK TRANSMITTER MODULE
V1.20
DESCRIPTION
DRA889TX is
a type of
low
cost ASK
transmitter module which is designed with SAW
resonator and high power PA for cost-efficient
solutions. It can be used in wireless door opener,
robot
control,
security
alarm
and
related
applications.
PIN FUNCTIONS
PIN
Name
Description
1
VDD
Power pin
2
DATA
Data input
3
GND
Ground(0V)
1
2
3
4
4
ANT
Antenna port
DRA889TX Pin Functions
ELECTRICAL SPECIFICATIONS
Symbol
Parameter (condition)
Min.
Typ.
Max.
Units
VDD
Supply Voltage
2.2
3.0
5.5
V
Freq
Frequency range
433.92
MHz
Pout
Output power. @ 3V
@ 5V
11
16
dBm
DR_ASK
ASK data rate
0.3
4.8
9.6
kbps
Temp
Operating temperature range
-20
25
70
°C
IDD_T
Current in transmit mode. @ 3V
24
mA
IDD_S
Current in sleep mode
1
uA
ZANT
Antenna impedance
50
Ohm
Table 2: DRA889TX Electrical Specifications
Please note that when DRA889TX is supplied with higher voltage than 5.5V, the output power of it will
also be increased but the distortion of wave will also be worse. Unless users are very sophisticated in
ASK modulation and can pick out the effective data easily, we don’t recommend users to use it in higher
voltage.


Similar Part No. - DRA889TX

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
DRA885TX DORJI-DRA885TX Datasheet
89Kb / 2P
MEDIUM POWER ASK TRANSMITTER MODULE
DRA887RX DORJI-DRA887RX Datasheet
95Kb / 2P
HIGH SENSITIVE ASK RECEIVER MODULE
DRA888TX DORJI-DRA888TX Datasheet
110Kb / 2P
LOW POWER ASK TRANSMITTER MODULE
More results

Similar Description - DRA889TX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTX-705 ETC1-MTX-705 Datasheet
69Kb / 7P
FSK/ASK TRANSMITTER MODULE
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002_12 Datasheet
700Kb / 20P
ASK Transmitter
TH72032 MELEXIS-TH72032_12 Datasheet
691Kb / 20P
ASK Transmitter
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
ASK Transmitter
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
Dorji Industrial Group ...
DRA885TX DORJI-DRA885TX Datasheet
89Kb / 2P
MEDIUM POWER ASK TRANSMITTER MODULE
DRA888TX DORJI-DRA888TX Datasheet
110Kb / 2P
LOW POWER ASK TRANSMITTER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com