Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRF1276G Datasheet(PDF) 4 Page - Dorji Industrial Group Co.,Ltd

Part # DRF1276G
Description  20dBm LoRa Long Range RF Front-end Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF1276G Datasheet(HTML) 4 Page - Dorji Industrial Group Co.,Ltd

  DRF1276G Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRF1276G Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DRF1276G Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DRF1276G Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF1276G Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF1276G Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DRF1276G Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DRF1276G Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DRF1276G Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DRF1276G
Revision 1.2
Page
of 13
March. 2017
4
Figure 3: Manual Reset Timing Diagram
Designers can use MCU to reset the module through NRST pin by setting NRST=Low for more
than 100us and then setting it to high for more than 5ms to fulfill the RESET.
2. SPI Interface
Figure 4: SPI Interface Timing Diagram
// SPI interface procedure
uint8_t SpiInOut( uint8_t outData )
{
/* Send SPIy data */
SPI_I2S_SendData( SPI_INTERFACE, outData );
while( SPI_I2S_GetFlagStatus( SPI_INTERFACE, SPI_I2S_FLAG_RXNE ) == RESET );
return SPI_I2S_ReceiveData( SPI_INTERFACE );
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com