Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRF1278DM Datasheet(PDF) 2 Page - Dorji Industrial Group Co.,Ltd

Part # DRF1278DM
Description  LORA Long Range SX1278 Data Radio Modem
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF1278DM Datasheet(HTML) 2 Page - Dorji Industrial Group Co.,Ltd

  DRF1278DM Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRF1278DM Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DRF1278DM Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DRF1278DM Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF1278DM Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF1278DM Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DRF1278DM Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DRF1278DM Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DRF1278DM Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DRF1278DM
Revision 2.72
May. 2017
2/13
PIN FUNCTIONS
PIN
DIP-A
Function
Description
1
GND
Ground
Ground (0V)
2
VCC
Power
Power supply
3
EN
Input
Enable pin, Low effective
4
RXD
Input
RXD: UART input, TTL level
5
TXD
Output
TXD: UART output, TTL level
6
AUX
Output
Data indication pin for waking up module
7
SET
Input
Control pin, effective in central/node mode
Table 1: DRF1278DM Pin functions
Note:
1. For firmware version < V2.0, SET pin is reserved without special function. For firmware
version >= V2.0, the logic level of SET pin is used to switch between normal speed communication
(or express communication) and breath period communication in central/node mode. In sleep status,
the SET pin should be connected to logic high or floated. If users don't need normal speed
communication, the SET pin also can be connected to logic high or floated to save power.
2. If the module is connected to the microcontroller, it will send a string to microcontroller when it
is powered on
9600 N 8 1 DRF1278X V2.7
The last alphanumeric characters V2.7 indicate the firmware is 2.7. If users connect a USB adapter
DAC02 to computer and run a serial tool such as Advanced Serial Port Monitor, the module also
sends a string to the tool as soon as it is inserted into the USB adapter.
3. In order to configure the parameters, the EN pin should be connected to logic low in any mode.
In standard mode, the EN pin also should be connected to logic low to let modules work normally.
If the EN is connected to logic high in this mode, the RFIC and MCU of the modules will be in
deep sleep and only can be waken up by setting this pin to logic low. In central mode, the EN pin
also needs to be logic low just like in standard mode. In node mode, the module will monitor the
wireless signal at the interval of breath period and close the UART interface to save power when
EN pin is set to logic high. If the module in node mode needs to send data to central module, users
can set the EN to logic low and the node module will enable UART interface to receive data from
microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com