Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRF4432S Datasheet(PDF) 1 Page - Dorji Industrial Group Co.,Ltd

Part # DRF4432S
Description  20dBm ISM RF Sensor Receiver Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF4432S Datasheet(HTML) 1 Page - Dorji Industrial Group Co.,Ltd

  DRF4432S Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRF4432S Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DRF4432S Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DRF4432S Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF4432S Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF4432S Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DRF4432S
Revision 1.10
Page
of 6
Oct. 2012
1
DRF4432S
20dBm ISM RF Sensor Receiver Module
V1.10
Features
GFSK receiver module
ISM frequency band
81K bps data rate
Multiple channels
-120dBm sensitivity
Baud rate configurable
256 bytes data buffer
Standby current < 3uA
Supply voltage 3.4~5.5V
Application
Humidity Measurement
Wireless data logger
Wireless sensor network
Home automation
Temperature Measurement
DESCRIPTION
DRF4432S is a low-cost sub-1 GHz transceiver module designed for operations in the unlicensed
ISM (Industrial Scientific Medical) and LPRD bands. GFSK (Frequency Shift Keying)
modulation/demodulation, multi-channel operation, high bandwidth efficiency and anti-blocking
performance make DRF4432S modules easy to realize the robust and reliable wireless link.
The receiver module DRF4432S is based on si4432 RFIC from Silicon labs and uses the same
hardware platform as data transmission module DRF4432D20. It can only be used as receiver in
wireless sensor application so it is incompatible with DRF4432D20. DRF4432S is used together
with DRF5150S to build wireless sensor applications. It collects sensor data from sensor
transmitter modules DRF5150S and transfers data at fixed format which is determined by the
sensor working mode configured through DRF Tool 5150.


Similar Part No. - DRF4432S

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
DRF4432D20 DORJI-DRF4432D20 Datasheet
37Kb / 2P
Operation Manual for USB Converter Board
DRF4432D20 DORJI-DRF4432D20 Datasheet
402Kb / 9P
20dBm ISM RF Transceiver Module
DRF4432D20I DORJI-DRF4432D20I Datasheet
259Kb / 11P
20dBm ISM RF Transceiver Module
DRF4432D20I-L1 DORJI-DRF4432D20I-L1 Datasheet
259Kb / 11P
20dBm ISM RF Transceiver Module
DRF4432D20I-L2 DORJI-DRF4432D20I-L2 Datasheet
259Kb / 11P
20dBm ISM RF Transceiver Module
More results

Similar Description - DRF4432S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM65CW ETC2-RFM65CW Datasheet
1Mb / 71P
ISM RECEIVER MODULE
RFM65W ETC2-RFM65W Datasheet
1Mb / 71P
ISM RECEIVER MODULE
logo
HOPE Microelectronics C...
RFM65W HOPE-RFM65W Datasheet
1Mb / 71P
ISM RECEIVER MODULE
RFM65CW HOPE-RFM65CW Datasheet
1Mb / 71P
ISM RECEIVER MODULE
logo
Dorji Industrial Group ...
DRF1272F DORJI-DRF1272F Datasheet
232Kb / 6P
20dBm LoRa Long Range RF Front-end Module
DRF1276G DORJI-DRF1276G Datasheet
592Kb / 12P
20dBm LoRa Long Range RF Front-end Module
DRF4432D20 DORJI-DRF4432D20 Datasheet
402Kb / 9P
20dBm ISM RF Transceiver Module
DRF4432D20I DORJI-DRF4432D20I Datasheet
259Kb / 11P
20dBm ISM RF Transceiver Module
DRF4432F20 DORJI-DRF4432F20 Datasheet
140Kb / 6P
20dBm ISM RF Transceiver Module
DRF4463F DORJI-DRF4463F Datasheet
206Kb / 6P
20dBm ISM RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com