Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOS-0804-W Datasheet(PDF) 3 Page - SICK AG

Part # DOS-0804-W
Description  Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DOS-0804-W Datasheet(HTML) 3 Page - SICK AG

  DOS-0804-W Datasheet HTML 1Page - SICK AG DOS-0804-W Datasheet HTML 2Page - SICK AG DOS-0804-W Datasheet HTML 3Page - SICK AG DOS-0804-W Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DOS-0804-W
UNSPSC 16.0901
39121421
Dimensional drawing (Dimensions in mm (inch))
1
3
2
4
41.5 (1.63)
cable diameter
4 to 5 mm
(0.16 to 0.20 inch)
Dimensions in mm (inch)
2019-01-29 21:21:18 | Online data sheet
Subject to change without notice
| SICK
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com