Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1721 Datasheet(PDF) 4 Page - NEC

Part # B1721
Description  Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B1721 Datasheet(HTML) 4 Page - NEC

  B1721 Datasheet HTML 1Page - NEC B1721 Datasheet HTML 2Page - NEC B1721 Datasheet HTML 3Page - NEC B1721 Datasheet HTML 4Page - NEC B1721 Datasheet HTML 5Page - NEC B1721 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SB1721
データ・シート D16287JJ2V0DS
4
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Rth(j-A) = 125
°C/W
Rth(j-C) = 6.25°C/W
Single pulse
PW - Pulse Width - s
BASE SATURATION VOLTAGE vs.
COLLECTOR CURRENT
GAIN BAND WIDTH PRODUCT vs.
COLLECTOR CURRENT
- 0.01
- 0 .1
- 1
- 1 0
- 0.01
- 0.1
- 1
- 10
T A =
50
°C
25
°C
25
°C
75 °C
150
°C
IC /IB = 10 A
IC - Collector Current - A
0.1
1
10
100
- 0.01
- 0.1
- 1
- 10
VCE =
−5.0 V
IC - Collector Current - A
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
SWITCHING CHARACTERISTICS
10
100
1000
- 0.01
- 0.1
- 1
- 10
- 100
f = 1.0 M H z
VCB - Collector to Base Voltage - V
0.1
1
10
- 0.1
- 1
- 10
- 100
tstg
ton
tf
ton
tf
ton
IC = 10•IB1 =
−10•IB2
IC - Collector Current - A
100
μ
1 m
10 m
100 m
1
10
100
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com