Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5530RGL Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LD5530RGL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD5530RGL Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LD5530RGL Datasheet HTML 7Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 8Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 9Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 10Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 11Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 12Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 13Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 14Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LD5530R
11
Leadtrend Technology Corporation
LD5530R-DS-01
Oct. 2013
Adjustable
Over
Current
Compensation
(CS/OVP Pin)
In general, the power converter can deliver more current
at high input voltage than at low input voltage. To
compensate this, an offset voltage is added to the CS
signal by an internal current source (IOCP) and an external
resistor (ROCP) in series between the sense resistor (Rs)
and the CS/OVP pin, as shown in Fig. 17. By selecting a
proper value of the resistor in series with the CS pin, the
amount of compensation can be adjusted. The value of
IOCP depends on the duty cycle of OUT pin. The equation
of IOCP is decreased as:
)
125
.
0
Duty
(
uA
240
)
625
.
0
Duty
(
uA
0
)
625
.
0
Duty
125
.
0
(
uA
480
)
Duty
625
.
0
(
IOCP
In light load conditions, the offset should be removed
since it is in same order of magnitude as the current
sense signal. Therefore the compensation current is only
fully added when the COMP voltage is higher than 2.9V.
ROCP:470~1.2k; COCP:47pF~390pF
0.85V
OCP
Comparator
V BIAS
Duty/VCOMP
OUT
LEB
ROCP
RS
CS/OVP
IOCP
COCP
Fig. 17
Output Over Voltage Protection (CS/OVP
Pin) - Auto Recovery
An output overvoltage protection is implemented in the
LD5530R, as shown in Fig. 18 and 19. It senses the
auxiliary voltage via the divided resistors. The auxiliary
winding voltage is reflected from secondary winding and
therefore the flat voltage on the
CS/OVP pin is
proportional to the output voltage. LD5530R can sample
this flat voltage level after a delay time to perform output
over voltage protection. This delay time is used to ignore
the voltage ringing from leakage inductance of PWM
transformer. The sampling voltage level is compared with
internal threshold voltage 0.2V. If the sampling voltage
exceeds the OVP trip level, an internal counter starts
counting subsequent OVP events. The counter has been
added to prevent incorrect OVP detection which might
occur during ESD or lightning events. However, when
typically 8 cycles of subsequent OVP events are detected,
the OVP circuit switches the power MOSFET off. As the
protection is auto recovery, the converter restarts after the
VCC is lower than UVLO OFF level and then recharge to
UVLO ON.
ROCP
RS
CS
AUX
0.2V
OUT
Sample
Delay
Debouce
8 cycle
OVP
Fig. 18
Delay
Sample
Out
AUX Winding
CS/OVP
Fig. 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com