Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3372 Datasheet(PDF) 44 Page - Linear Technology

Part # LTC3372
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3372 Datasheet(HTML) 44 Page - Linear Technology

Back Button LTC3372 Datasheet HTML 36Page - Linear Technology LTC3372 Datasheet HTML 37Page - Linear Technology LTC3372 Datasheet HTML 38Page - Linear Technology LTC3372 Datasheet HTML 39Page - Linear Technology LTC3372 Datasheet HTML 40Page - Linear Technology LTC3372 Datasheet HTML 41Page - Linear Technology LTC3372 Datasheet HTML 42Page - Linear Technology LTC3372 Datasheet HTML 43Page - Linear Technology LTC3372 Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
LTC3372
44
Rev. A
For more information www.analog.com
D16975-0-3/19(A)
ANALOG DEVICES, INC. 2018-2019
www.analog.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3891/LTC3890/
LTC3890-1/LTC3890-2/
LTC3890-3
60V, Low IQ, Single/Dual
Synchronous Step-Down DC/
DC Controller
Phase-Lockable Frequency 75kHz to 750kHz, 4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ =50μA
LTC3891: Single Channel; LTC3890/LTC3890-1/LTC3890-2/LTC3890-3
LTC3371/LTC3370
4-Channel Configurable DC/DC
with 8 × 1A Power Stages
4 Synchronous Buck Regulators with 8 × 1A Power Stages. Can Connect Up to Four Power
Stages in Parallel, 8 Output Configurations Possible.
LTC3370: Precision PGOODALL Indication, 32-Lead (5mm × 5mm × 0.75mm) QFN Package.
LTC3371: Precision RST Monitoring with Windowed Watchdog Timer (CT Programmable),
38-Lead (5mm × 7mm × 0.75mm) QFN and TSSOP Packages
LTC3892/LTC3892-1/
LTC3892-2
60V, Low IQ, Dual, 2-Phase
Synchronous Step-Down DC/
DC Controller
Phase-Lockable Frequency 75kHz to 850kHz, 4.5V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 99% VIN,
IQ = 29μA, Adjustable 5V to 10V Gate Drive, No External Bootstrap Diode
LTC3589
8-Output Regulator with
Sequencing and I2C
Triple I2C Adjustable High Efficiency Step-Down DC/DC Converters: 1.6A, 1A, 1A. High
Efficiency 1.2A Buck-Boost DC/DC Converter, Triple 250mA LDO Regulators, 40-Lead
(6mm × 6mm × 0.75mm) QFN.
LTC3675
7-Channel Configurable High
Power PMIC
Quad Synchronous Buck Regulators (1A, 1A, 500mA, 500mA). Buck DC/DCs Can be Paralleled
to Deliver Up to 2× Current with a Single Inductor. 1A Boost, 1A Buck- Boost, 40V LED Driver.
44-Lead (4mm × 7mm × 0.75mm) QFN Package.
LTC3676
8-Channel Power Management
Solution for Application
Processor
Quad Synchronous Buck Regulators (2.5A, 2.5A, 1.5A, 1.5A). Quad LDO Regulators (300mA,
300mA, 300mA, 25mA). 40-Lead (6mm × 6mm × 0.75mm) QFN Package.
LTC3375/LTC3374/
LTC3374A
8-Channel Programmable
Configurable 1A DC/DC
8 × 1A Synchronous Buck Regulators. Can Connect Up to Four Power Stages in Parallel with
a Single Inductor, 15 Output Configurations Possible, 48-Lead (7mm × 7mm × 0.75mm) QFN
Package (LTC3375) 38-Lead (5mm × 7mm × 0.75mm) QFN and TSSOP Packages (LTC3374A)
TYPICAL APPLICATION
VOUT
INTVCC
VOUT
INTVCC
VOUT
INTVCC
INTVCC
MTOP
MBOT
D1
4.7µF
10nF
402k
LHV
1µH
162k
511k
47µF
×2
649k
806k
22µF
464k
232k
47µF
0.01µF
100pF
4.7nF
5.11k
100k
100k
3372 TA07
L1
0.56µH
L3
2.2µH
L4
0.68µH
10µF
×3
10µF
6.19k
100nF
0.1µF
VINB
SWA
GND
SWB
FB1
VINA
EN1
VIN
VOUTPRG
VINC
VIND
SWC
ITH
SWD
FB2
EN2
TRACK/SS
RUN
PGOOD
RT
CT
PLL/MODE
VINE
VINF
SWE
SWF
FB3
EN3
VING
VINH
SWG
SWH
C1 C2 C3
FB4
EN4
WDI
WDO
TEMP
RSTB
INTVCC
TG
BOOST
SW
BG
SENSE+
SENSE
VOUT/EXTVCC
LTC3372
22µF
COUT1
330µF
×2
COUT2
220µF
VOUT
5V
20A*
VOUT1
3.3V
4A
VOUT4
1.2V
3A
VOUT3
1.8V
1A
MTOP: BSC014N04LSI
MBOT: BSC010N04LSI
LHV: XAL1010-102ME
CIN1: UCJ1H101MCL1GS
CIN2: GRM32ER71H106KA12L
COUT1: 6TPE330MAP
COUT2: GRM32ER60J227ME05L
D1: DFLS1100
10µF
×4
CIN1
100µF
×2
VIN
40V MAX
6V MIN
CIN2
10µF
×4
*FULL LOAD IS EQUIVALENT TO SPECIFIED LOAD CURRENT
PLUS THE FULL LOAD INPUT CURRENT FROM VOUT1-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com