Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP140WH4 Datasheet(PDF) 31 Page - LG Semicon Co.,Ltd.

Part # LP140WH4
Description  14.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH4 Datasheet(HTML) 31 Page - LG Semicon Co.,Ltd.

Back Button LP140WH4 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 32Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Product Specification
LP140WH4
Liquid Crystal Display
Ver. 1.1
Dec. 17, 2010
31 / 32
APPENDIX A. Enhanced Extended Display Identification Data (EEDIDTM)
2/3
Byte
(Dec)
Byte
(Hex)
Field Name and Comments
Value
(Hex)
Value
(Bin)
54
36
Pixel Clock/10,000 (LSB)
70 MHz @ 60Hz
58
01011000
55
37
Pixel Clock/10,000 (MSB)
1B
00011011
56
38
Horizontal Active
(lower 8 bits)
1366 Pixels
56
01010110
57
39
Horizontal Blanking(Thp-HA)
(lower 8 bits)
126 Pixels
7E
01111110
58
3A
Horizontal Active / Horizontal Blanking(Thp-HA) (upper 4:4bits)
50
01010000
59
3B
Vertical Avtive
768 Lines
00
00000000
60
3C
Vertical Blanking (Tvp-HA) (DE Blanking typ.for DE only panels)
14 Lines
0E
00001110
61
3D
Vertical Active : Vertical Blanking (Tvp-HA)
(upper 4:4bits)
30
00110000
62
3E
Horizontal Sync. Offset (Thfp)
36 Pixels
24
00100100
63
3F
Horizontal Sync Pulse Width (HSPW)
48 Pixels
30
00110000
64
40
Vertical Sync Offset(Tvfp) : Sync Width (VSPW)
3 Lines : 5 Lines
35
00110101
65
41
Horizontal Vertical Sync Offset/Width
(upper 2bits)
00
00000000
66
42
Horizontal Image Size (mm)
309 mm
35
00110101
67
43
Vertical Image Size
(mm)
174 mm
AE
10101110
68
44
Horizontal Image Size / Vertical Image Size
10
00010000
69
45
Horizontal Border = 0 (Zero for Notebook LCD)
00
00000000
70
46
Vertical Border = 0
(Zero for Notebook LCD)
00
00000000
71
47
Non-Interlace, Normal display, no stereo, Digital Separate ( Vsync_NEG, Hsync_NEG ), DE only note : LSB is set to
'1' if panel is DE-timing only. H/V can be ignored.
19
00011001
72
48
Flag
00
00000000
73
49
Flag
00
00000000
74
4A
Flag
00
00000000
75
4B
Data Type Tag (Descriptor Defined by manufacturer )
00
00000000
76
4C
Flag
00
00000000
77
4D
Descriptor Defined by manufacturer
00
00000000
78
4E
Descriptor Defined by manufacturer
00
00000000
79
4F
Descriptor Defined by manufacturer
00
00000000
80
50
Descriptor Defined by manufacturer
00
00000000
81
51
Descriptor Defined by manufacturer
00
00000000
82
52
Descriptor Defined by manufacturer
00
00000000
83
53
Descriptor Defined by manufacturer
00
00000000
84
54
Descriptor Defined by manufacturer
00
00000000
85
55
Descriptor Defined by manufacturer
00
00000000
86
56
Descriptor Defined by manufacturer
00
00000000
87
57
Descriptor Defined by manufacturer
00
00000000
88
58
Descriptor Defined by manufacturer
00
00000000
89
59
Descriptor Defined by manufacturer
00
00000000
90
5A
Flag
00
00000000
91
5B
Flag
00
00000000
92
5C
Flag
00
00000000
93
5D
Data Type Tag ( ASCII String )
FE
11111110
94
5E
Flag
00
00000000
95
5F
ASCII String
L
4C
01001100
96
60
ASCII String
G
47
01000111
97
61
ASCII String
20
00100000
98
62
ASCII String
D
44
01000100
99
63
ASCII String
i
69
01101001
100
64
ASCII String
s
73
01110011
101
65
ASCII String
p
70
01110000
102
66
ASCII String
l
6C
01101100
103
67
ASCII String
a
61
01100001
104
68
ASCII String
y
79
01111001
105
69
Manufacturer P/N(If<13 char--> 0Ah, then terminate with ASCⅡ code 0Ah,set remaining char = 20h)
0A
00001010
106
6A
Manufacturer P/N(If<13 char--> 0Ah, then terminate with ASCⅡ code 0Ah,set remaining char = 20h)
20
00100000
107
6B
Manufacturer P/N(If<13 char--> 0Ah, then terminate with ASCⅡ code 0Ah,set remaining char = 20h)
20
00100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com