Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM6203 Datasheet(PDF) 4 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6203
Description  High Performance Current Mode PWM Switching Power Supply controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6203 Datasheet(HTML) 4 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6203 Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RM6203
4
www.reactor-micro.com
ELECTRICAL CHARACTERISTICS
The specifications are applied at T=25℃, VCC=5.5-7.5V, Ct=680PF, RS=1Ω, unless otherwise noted.(Note 2)(continued)
Re-enabling voltage
3.8
V
Over-Voltage Limiting
Threshold
9.5
10
10.5
V
Note1: Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
Exposure to any Absolute Maximum Rating condition for
extended periods may affect device reliability and lifetime.
Note2: TheRM6203 is guaranteed to meet performance
specifications from 0℃ to 70℃. Specifications over the -40℃
to 85℃ operating temperature range are assured by design,
characterization and correlation with statistical process
controls.
BLOCK DIAGRAM
OPERATION (Refer to Block Diagram)
In the enabling stage, when power is on, VR is closed; the
pull-up current source FB is closed; OE inputs enabling current
from power tube to VCC; OB controls the base current of the
power tube, limits the collector current of the power tube (i.e.
RM6203 initiates the reception current), so as to ensure the
safety of the power tube; when VCC voltage raises up to 7.8 V,
the enabling stage ends and it goes into the normal stage.
In the normal stage, VCC voltage should be maintained at
4.8V to 9.0V, VR outputs 2.5V reference; FB pull-up current
source is opened; the oscillator output OSC1 decides the
maximum duty ratio, output OSC2 tries to trigger the power
into open period, and the screened power tube turns on the
current peak; if FB is below 1.8V (approximately between 1.2V
and 1.8V), the oscillator period will then be increased, the
smaller the FB is, the wider the oscillator period will be, until
the stop of the oscillator (this feature will lower the stand-by
power consumption of the switch power source); if the external
feedback intends to make VCC higher than 10V, the internal
circuit feedback to FB will stabilize VCC at 9.8V (with this
feature, the internal circuit rather than the external feedback
circuit will be used to stabilize the output voltage, but the
stabilizing accuracy may be low); in the open period, OB
supplies base current to power tube, OE pulls down the emitter
of the power tube to IS, and the OB uses the slope current
driving (i.e. the OB open current is the function of IS, when IS
= 0V, OB open current is approximately 40mA, then the OB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com