Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MPF
Description  Metallized Polypropylene Film Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MPF Datasheet HTML 1Page - List of Unclassifed Manufacturers MPF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XRY
Film Capacitors
LIVINGSTON Group
http://livingston.com.tw E-mail: info@livingston.com.tw
V4.1 - 2005
Factory: Shanghai XiangRiYa Electronic Co., Ltd.
25
Metallized Polypropylene Film Capacitor
Type:
MPF (CBB22)
Non-inductive construction using Metallized
Polypropylene film with epoxy coating.
** Flame retardant as request by red epoxy resin seal.
• Features
* Low DF and high IR. and high IR
* Excellent frequency, temperature characteristics.
• Applications
* General resonance circuit.
* High frequency circuit.
* TV horizontal deflection (S correction)
* Active filtering, timing and oscillator circuits
• Explanation of Part Numbers
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
C B B 2 2
 
 ↓ 
↓ 
Type
Rated volt
. Capacitance Cap.Tol. Pitch Colour Code
↓
↓
• Specifications
(IEC384- 16 GB10190- 88)
Category temp. range
- 40°C ~ +100°C
Rated voltage
250VDC, 400VDC, 630VDC, 1000VDC
Capacitance range
0.001 ~ 10
µF
(at: 20°C, 1KHZ)
Capacitance tolerance
J (
± 5%), K (±10%), M(±20%)
CR≤1µF: 0.3% max (20°C /10KHZ)
Dissipation factor
CR>1µF: 0.1% max (20°C /1KHZ)
Withstand voltage
1
.7 VR
2
s
UR
250V
400V
630V
1000V
dV/dt
P=7.5,10
92
145
230
340
V/µs
P=15
40
64
100
150
V/µs
P=22.5
20
32
50
75
V/µs
Maximum pulse slope
at VR
P=27.5
12
20
31
46
V/µs
CR≤0.33µF 50000MΩ min
250VDC, 400VDC:
CR>0
.33µF
15000 s min
(20°C/100VDC/60s)
CR≤0
.33µF 50000MΩ min
Insulation resistance
630VDC, 1000VDC:
CR>0.33µF
15000 s min
(20°C/100VDC/60s)
J
± 5%
B
Blue
K
± 10%
R Red(flame retardant)
M
± 20%


Similar Part No. - MPF

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MPF CRYDOM-MPF Datasheet
517Kb / 4P
PCB Mount
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
AC Motor Run Capacitors
logo
Adam Technologies, Inc.
MPF-A-XX-H-T ADAM-TECH-MPF-A-XX-H-T Datasheet
80Kb / 1P
MICRO MATCH SOCKET
MPF-A-XX-SMT-T ADAM-TECH-MPF-A-XX-SMT-T Datasheet
82Kb / 1P
MICRO MATCH SOCKET
MPF-A-XX-SMT-T-KT ADAM-TECH-MPF-A-XX-SMT-T-KT Datasheet
83Kb / 1P
MICRO MATCH SOCKET
More results

Similar Description - MPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
Kemet Corporation
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R46KI368000P0K KEMET-R46KI368000P0K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
logo
Panasonic Semiconductor
ECQUAAF822K PANASONIC-ECQUAAF822K Datasheet
715Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10752HV PANASONIC-ECWH10752HV Datasheet
774Kb / 18P
Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com